Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33FJ128GP708 Datasheet(PDF) 56 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 56 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 52Page - Microchip Technology 33FJ128GP708 Datasheet HTML 53Page - Microchip Technology 33FJ128GP708 Datasheet HTML 54Page - Microchip Technology 33FJ128GP708 Datasheet HTML 55Page - Microchip Technology 33FJ128GP708 Datasheet HTML 56Page - Microchip Technology 33FJ128GP708 Datasheet HTML 57Page - Microchip Technology 33FJ128GP708 Datasheet HTML 58Page - Microchip Technology 33FJ128GP708 Datasheet HTML 59Page - Microchip Technology 33FJ128GP708 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
dsPIC33F
DS70155C-page 54
Preliminary
© 2005 Microchip Technology Inc.
11.11 Symmetric Key Embedded
Encryption Library
Microchip offers a reliable security solution for
embedded applications built on the dsPIC33F platform.
This solution is provided by means of two libraries –
Symmetric Key and Asymmetric Key Embedded
Encryption Libraries. The Symmetric Key Library
includes the following:
• Hash functions
- SHA-1 Secure Hash Standard
- MD5 Message Digest
• Symmetric Key Encryption/Decryption functions
- Advanced Encryption Standard (AES)
- Triple Data Encryption Standard (Triple-DES)
• Random Number Generator functions
- Deterministic Random Bit Generator
ANSI X9.82
Some typical applications for this library include:
• Mobile and Wireless Devices, PDAs
• Secure Banking
• Secure Web Transactions
- Secure Socket Layer (SSL)
- Transport Layer Security (TLS)
- Secure Multipurpose Mail Extensions (S/MIME)
• ZigBee™ Technology and other Monitoring and
Control Applications
• Smart Card Readers/Trusted Card Readers
• Friend/Foe Identification
• Secure devices and peripherals interoperating
with TCG (Trusted Computing Group) and
NGSCB (Microsoft Next Generation Secure
Computing Base) personal computers
Key features of the Symmetric Key Embedded
Encryption Library include:
• C-callable library functions developed in MPLAB
ASM30 assembly language
• Optimized for speed, code size and RAM usage
- RAM usage below 60 bytes
• Library functions extensively tested for adherence
to applicable standards
• Symmetric Key Encryption/Decryption functions
support multiple modes of operation:
- Electronic Code Book (ECB) mode
- Cipher Block Chaining with Message
Authentication (CBC-MAC) mode
- Counter (CTR) mode
- Combined CBC-MAC and CTR (CCM) mode
• “dsPIC30F Embedded Encryption Libraries User’s
Guide”
• Several examples of use are provided for each
library function
11.12 Asymmetric Key Embedded
Encryption Library
Microchip offers a reliable security solution for
embedded applications built on the dsPIC33F platform.
This solution is provided by means of two libraries –
Symmetric Key and Asymmetric Key Embedded
Encryption Libraries. The Asymmetric Key Library
includes the following:
• Public Key Encryption/Decryption functions
- RSA (1024 and 2048-bit)
• Key Agreement Protocol
- Diffie-Hellman (1024 and 2048-bit)
• Signing and Verification
- DSA (1024-bit)
- RSA (1024 and 2048-bit)
• Hash functions
- SHA-1 Secure Hash Standard
- MD5 Message Digest
• Random Number Generator functions
- ANSI X9.82
Some typical applications for this library include:
• Mobile and Wireless Devices, PDAs
• Secure Banking
• Secure Web Transactions
- Secure Socket Layer (SSL)
- Transport Layer Security (TLS)
- Secure Multipurpose Mail Extensions
(S/MIME)
• ZigBee Technology and other Monitoring and
Control Applications
• Smart Card Readers/Trusted Card Readers
• Friend/Foe Identification
• Secure devices and peripherals interoperating
with TCG (Trusted Computing Group) and
NGSCB (Microsoft Next Generation Secure
Computing Base) personal computers
Key features of the Asymmetric Key Embedded
Encryption Library include:
• C-callable library functions developed in MPLAB
ASM30 assembly language
• Optimized for speed, code size and RAM usage
- RAM usage below 100 bytes
• Library functions extensively tested for adherence
to applicable standards
• “dsPIC30F Embedded Encryption Libraries User’s
Guide”
• Several examples of use are provided for each
library function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com