Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCS200-I/P Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS200-I/P
Description  KEELOQ Code Hopping Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200-I/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS200-I/P Datasheet HTML 7Page - Microchip Technology HCS200-I/P Datasheet HTML 8Page - Microchip Technology HCS200-I/P Datasheet HTML 9Page - Microchip Technology HCS200-I/P Datasheet HTML 10Page - Microchip Technology HCS200-I/P Datasheet HTML 11Page - Microchip Technology HCS200-I/P Datasheet HTML 12Page - Microchip Technology HCS200-I/P Datasheet HTML 13Page - Microchip Technology HCS200-I/P Datasheet HTML 14Page - Microchip Technology HCS200-I/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2011 Microchip Technology Inc.
DS40138D-page 11
HCS200
TABLE 6-1:
PROGRAMMING/VERIFY TIMING REQUIREMENTS
Note 1: Typical values - not tested in production.
VDD = 5.0V ± 10%, 25°C ± 5 °C
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
TPS
3.5
4.5
ms
Hold time 1
TPH13.5
ms
Hold time 2
TPH250
μs
Bulk Write time
TPBW
4.0
ms
Program delay time
TPROG
4.0
ms
Program cycle time
TWC
50
ms
Clock low time
TCLKL
50
μs
Clock high time
TCLKH
50
μs
Data setup time
TDS
0—
μs (1)
Data hold time
TDH
30
μs (1)
Data out valid time
TDV
—30
μs (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com