Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6561 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6561
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6561 Datasheet(HTML) 4 Page - STMicroelectronics

  L6561 Datasheet HTML 1Page - STMicroelectronics L6561 Datasheet HTML 2Page - STMicroelectronics L6561 Datasheet HTML 3Page - STMicroelectronics L6561 Datasheet HTML 4Page - STMicroelectronics L6561 Datasheet HTML 5Page - STMicroelectronics L6561 Datasheet HTML 6Page - STMicroelectronics L6561 Datasheet HTML 7Page - STMicroelectronics L6561 Datasheet HTML 8Page - STMicroelectronics L6561 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OVER VOLTAGE PROTECTION OVP
The output voltage is expected to be kept by the
operation of the PFC circuit close to its nominal
value. This is set by the ratio of the two external
resistors R1 and R2 (see fig. 2), taking into con-
sideration that the non inverting input of the error
amplifier is biased inside the L6561 at 2.5V.
In steady state conditions, the current through R1
and R2 is:
IR1sc
=
Vout
− 2.5
R1
= IR2
=
2.5V
R2
and, if the external compensation network is
made only with a capacitor Ccomp, the current
through Ccomp equals zero.
When the output voltage increases abruptly the
current through R1 becomes:
IR1 =
Voutsc
+∆VOUT − 2.5
R1
= IR1sc +∆IR1
Since the current through R2 does not change,
∆IR1 must flow through the capacitor Ccomp and
enter the error amplifier.
This current is monitored inside the L6561 and when
reaches about 37
µA the output voltage of the multi-
plier is forced to decrease, thus reducing the energy
drawn from the mains. If the current exceeds 40
µA,
the OVP protection is triggered (Dynamic OVP), and
the external power transistor is switched off until the
current falls approximately below 10
µA.
However, if the overvoltage persists, an internal
comparator (Static OVP) confirms the OVP condi-
tion keeping the external power switch turned off
(see fig. 1).
Finally, the overvoltage that triggers
the OVP
function is:
∆Vout = R1 ⋅ 40µA.
Typical values for R1,R2 and C are shown in the
application circuits. The overvoltage can be set inde-
pendently from the average output voltage. The pre-
cision in setting the overvoltage threshold is 7% of
ELECTRICAL CHARACTERISTICS (continued)
ZERO CURRENT DETECTOR
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VZCD
5
Input Threshold Voltage
Rising Edge
(1)
2.1
V
Hysteresis
(1)
0.3
0.5
0.7
V
VZCD
5
Upper Clamp Voltage
IZCD =20
µA
4.5
5.1
5.9
V
VZCD
5
Upper Clamp Voltage
IZCD = 3mA
4.7
5.2
6.1
V
VZCD
5
Lower Clamp Voltage
IZCD = –3mA
0.3
0.65
1
V
IZCD
5
Sink Bias Current
1V
≤ VZCD ≤ 4.5V
2
µA
IZCD
5
Source Current Capability
-3
-10
mA
IZCD
5
Sink Current Capability
3
10
mA
VDIS
5
Disable threshold
150
200
250
mV
IZCD
5
Restart Current After Disable
VZCD < Vdis; VCC >VCCOFF
-100
-200
-300
µA
OUTPUT SECTION
VGD
7
Dropout Voltage
IGDsource = 200mA
1.2
2
V
IGDsource = 20mA
0.7
1
V
IGDsink = 200mA
1.5
V
IGDsink = 20mA
0.3
V
tr
7
Output Voltage Rise Time
CL = 1nF
40
100
ns
tf
7
Output Voltage Fall Time
CL = 1nF
40
100
ns
IGD off
7IGD Sink Current
VCC =3.5V VGD = 1V
5
10
-
mA
OUTPUT OVERVOLTAGE SECTION
IOVP
2
OVP Triggering Current
35
40
45
µA
Static OVP Threshold
2.1
2.25
2.4
V
RESTART TIMER
tSTART
Start Timer
70
150
400
µs
(1) Parameter guaranteed by design, not tested in production.
L6561
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com