Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6562 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6562
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562 Datasheet(HTML) 5 Page - STMicroelectronics

  L6562 Datasheet HTML 1Page - STMicroelectronics L6562 Datasheet HTML 2Page - STMicroelectronics L6562 Datasheet HTML 3Page - STMicroelectronics L6562 Datasheet HTML 4Page - STMicroelectronics L6562 Datasheet HTML 5Page - STMicroelectronics L6562 Datasheet HTML 6Page - STMicroelectronics L6562 Datasheet HTML 7Page - STMicroelectronics L6562 Datasheet HTML 8Page - STMicroelectronics L6562 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
L6562
3
Typical Electrical Characteristics
Figure 4. Supply current vs. Supply voltage
Figure 5. Start-up & UVLO vs. Tj
Figure 6. IC consumption vs. Tj
Figure 7. Vcc Zener voltage vs. Tj
Vcc(V)
0
0.005
0.01
0.05
0.1
0.5
1
5
10
ICC
(mA)
0
5
10
15
20
Co = 1nF
f = 70 kHz
Tj = 25°C
25
Tj (°C)
VCC-ON
(V)
VCC-OFF
(V)
-50
0
50
100
150
9
9.5
10
10.5
11
11.5
12
12.5
-50
0
50
100
150
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Icc
[mA]
Operating
Quiescent
Disabled or
during OVP
Before start-up
Vcc = 12 V
Co = 1 nF
f = 70 kHz
Tj (°C)
Tj (°C)
VccZ
(V)
-50
0
50
100
150
22
23
24
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com