Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6562ATN Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6562ATN
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATN Datasheet(HTML) 5 Page - STMicroelectronics

  L6562ATN Datasheet HTML 1Page - STMicroelectronics L6562ATN Datasheet HTML 2Page - STMicroelectronics L6562ATN Datasheet HTML 3Page - STMicroelectronics L6562ATN Datasheet HTML 4Page - STMicroelectronics L6562ATN Datasheet HTML 5Page - STMicroelectronics L6562ATN Datasheet HTML 6Page - STMicroelectronics L6562ATN Datasheet HTML 7Page - STMicroelectronics L6562ATN Datasheet HTML 8Page - STMicroelectronics L6562ATN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Maximum ratings
L6562AT
5/25
3
Maximum ratings
4
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
8
IC supply voltage (ICC ≤ 20 mA)
Self-limited
V
IGD
7
Output totem pole peak current
Self-limited
A
---
1 to 4
Analog inputs and outputs
-0.3 to 8
V
IZCD
5
Zero current detector max. current
±10
mA
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
SO8
DIP8
RthJA
Max. thermal resistance, junction-to-
ambient
150
100
°C/W
PTOT
Power dissipation @TA = 50 °C
0.65
1
W
TJ
Junction temperature operating range
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com