Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IR3823 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3823
Description  3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3823 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3823 Datasheet HTML 17Page - International Rectifier IR3823 Datasheet HTML 18Page - International Rectifier IR3823 Datasheet HTML 19Page - International Rectifier IR3823 Datasheet HTML 20Page - International Rectifier IR3823 Datasheet HTML 21Page - International Rectifier IR3823 Datasheet HTML 22Page - International Rectifier IR3823 Datasheet HTML 23Page - International Rectifier IR3823 Datasheet HTML 24Page - International Rectifier IR3823 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
IR3823
21
www.irf.com
© 2012 International Rectifier
August 1, 2013
into hiccup mode. PGood will go low and the internal
soft start signal will be pulled low. The converter
goes into hiccup mode with some hiccup blanking
time as shown in Figure 16. The convertor stays in
this mode until the over load or short circuit is
removed. With different SS_Select configurations,
the hiccup blanking time is different. Please refer to
the electrical table for details. The actual DC output
current limit point will be greater than the valley point
by an amount equal to approximately half of peak to
peak inductor ripple current.
2
i
I
I
LIMIT
OCP
IOCP= DC current limit hiccup point
ILIMIT= Over current limit (Valley of Inductor Current)
∆i= Peak-to-peak inductor ripple current
Figure 16: Timing Diagram for Hiccup OCP
Over current limit is affected by the VCC voltage. For
some single rail operations where Vin is 5V or less,
the OCP limit will de-rated due to the drop of VCC
voltage. Figure 17 and Figure 18 show the over
current limit for two single rail applications with
Vin=PVin=5V and Vin=PVin=VCC=4.5V respectively.
Figure 17:OCP Limit at Vin=PVin=5V using Internal LDO
Figure 18: OCP Limit at Vin=PVin=VCC=4.5V
OVER-VOLTAGE PROTECTION (OVP)
Over-voltage protection in IR3823 is achieved by
comparing FB pin voltage to a pre-set threshold.
OVP threshold is set at 1.2×Vref. When FB pin
voltage exceeds the over voltage threshold, an over
voltage trip signal asserts after 2us (typ.) delay.
Then the high side drive signal HDrv is turned off
immediately, PGood flags low. The sync FET
remains on to discharge the output capacitor. When
the VFB voltage drops below the threshold, the sync
FET turns off to prevent the complete depletion of
the output capacitor. After that, HDrv remains off
until a reset is performed by cycling either Vcc or
Enable. Figure 19 shows the timing diagram for over
voltage
protection.
Please
note
that
OVP
comparator becomes active only when the IR3823 is
enabled.
 
Figure 19: Timing Diagram for Over Voltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com