Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD6620AS Datasheet(PDF) 6 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 2Page - Analog Devices AD6620AS Datasheet HTML 3Page - Analog Devices AD6620AS Datasheet HTML 4Page - Analog Devices AD6620AS Datasheet HTML 5Page - Analog Devices AD6620AS Datasheet HTML 6Page - Analog Devices AD6620AS Datasheet HTML 7Page - Analog Devices AD6620AS Datasheet HTML 8Page - Analog Devices AD6620AS Datasheet HTML 9Page - Analog Devices AD6620AS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD6620
–6–
REV. A
TIMING CHARACTERISTICS (C
LOAD = 40 pF All Outputs)
Test
AD6620AS
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
MICROPROCESSOR PORT, MODE = 0
MODE0 Input Timing Requirements:
tSC
Control
1 to CLK Setup Time
Full
IV
3.0
ns
tHC
Control1 to CLK Hold Time
Full
IV
5.0
ns
tHA
Address
2 to CLK Hold Time
Full
IV
3.0
ns
tZR
CS to Data Enabled Time
Full
IV
5.0
ns
tZD
CS to Data Disabled Time
Full
IV
5.0
ns
tSAM
CS to Address/Data Setup Time
Full
IV
0.0
ns
MODE0 Read Switching Characteristics:
tDD
CLK to Data Valid Time
Full
I
10.0
15.0
30.0
ns
tRDY
RD to RDY Time
Full
IV
4.0
19.5
ns
MODE0 Write Timing Requirements:
tSC
Control
1 to CLK Setup Time
Full
IV
3.0
ns
tHC
Control
1 to CLK Hold Time
Full
IV
5.0
ns
tHM
Micro Data
3 to CLK Hold Time
Full
IV
3.0
ns
tHA
Address
2 to CLK Hold Time
Full
IV
3.0
ns
tSAM
Address/Data Setup Time to
CS
Full
IV
0.0
ns
MODE0 Write Switching Characteristics:
tRDY
RD to RDY Time
Full
IV
4.0
19.5
ns
MICROPROCESSOR PORT, MODE = 1
MODE1 Input Timing Requirements:
tSC
Control
1 to CLK Setup Time
Full
IV
3.0
ns
tHC
Control
1 to CLK Hold Time
Full
IV
5.0
ns
tHA
Address2 to CLK Hold Time
Full
IV
3.0
ns
tZR
CS to Data Enabled Time
Full
IV
5.0
ns
tZD
CS to Data Disabled Time
Full
IV
5.0
ns
tSAM
Address/Data Setup Time to
CS
Full
IV
0.0
ns
MODE1 Read Switching Characteristics:
tDD
CLK to Data Valid Time
Full
I
10.0
30.0
ns
tDTACK
CLK to DTACK Time
Full
V
5.5
15.5
ns
MODE1 Write Timing Requirements:
tSC
Control
1 to CLK Setup Time
Full
IV
0.0
ns
tHC
Control
1 to CLK Hold Time
Full
IV
5.0
ns
tHM
Micro Data
3 to CLK Hold Time
Full
IV
6.5
ns
tHA
Address
2 to CLK Hold Time
Full
IV
3.0
ns
tSAM
Address/Data Setup Time to
CS
Full
IV
0.0
ns
MODE1 Write Switching Characteristic:
tDTACK
CLK to DTACK Time
Full
V
5.5
15.5
ns
NOTES
1Specification pertains to: R/W (
WR), DS (RD), CS.
2Specification pertains to: A[2:0].
3Specification pertains to: D[7:0].
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com