Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM140HT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM140HT
Description  Voltage 40V ~150V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM140HT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM140HT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM140HT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM140HT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM140HT~SM1150HT
Voltage 40V ~ 150V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
19-Apr-2012 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability
Guarding for overvoltage protection
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
MECHANICAL DATA
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123HT
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
MARKING
Product
Marking Code
Product
Marking Code
SM140HT
14
SM1100HT
10
SM160HT
16
SM1150HT
115
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123HT
3K
7 inch
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.3
3.7
E
1.0
1.2
B
1.4
1.8
F
0.7
0.9
C
0.8 TYP.
G
1.0
1.2
D
0.6
1.0
SOD-123HT


Similar Part No. - SM140HT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM140HT SECOS-SM140HT_15 Datasheet
414Kb / 3P
1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM140HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SM14T SECOS-SM14T Datasheet
526Kb / 2P
40V / 60V / 100 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS14LW TSC-SS14LW Datasheet
201Kb / 4P
1A, 40V - 150V Surface Mount Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SK12 BYTESONIC-SK12_V01 Datasheet
535Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/7/23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com