Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM320HT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM320HT
Description  Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM320HT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM320HT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM320HT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM320HT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM320HT~SM3100HT
Voltage 20V ~ 100V
3.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
29-Mar-2012 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability
Guarding for overvoltage protection
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
MECHANICAL DATA
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123HT
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
MARKING
Product
Marking Code
Product
Marking Code
SM320HT
32
SM380HT
38
SM340HT
34
SM3100HT
310
SM360HT
36
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123HT
3K
7 inch
SOD-123HT
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.3
3.7
E
1.0
1.2
B
1.4
1.8
F
0.7
0.9
C
0.8 TYP.
G
1.0
1.2
D
0.6
1.0


Similar Part No. - SM320HT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM320HT SECOS-SM320HT Datasheet
214Kb / 3P
3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320HT SECOS-SM320HT_15 Datasheet
214Kb / 3P
3.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM320HT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD3100 SECOS-SCD3100 Datasheet
308Kb / 2P
VOLTAGE 100V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320AS SECOS-SM320AS Datasheet
222Kb / 3P
Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SB22S SECOS-SB22S Datasheet
261Kb / 2P
Voltage 20V ~100V 2.0Amp Schottky Barrier Bridge Rectifers
logo
First Silicon Co., Ltd
SK52 FS-SK52 Datasheet
360Kb / 4P
VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52B FS-SK52B Datasheet
296Kb / 4P
VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SS32A FS-SS32A Datasheet
285Kb / 3P
Voltage 20V ~ 100V , 3.0 Amper Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com