Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CRL0603-FI-8552ELF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CRL0603-FI-8552ELF
Description  Bourns Chip Resistors and Arrays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRL0603-FI-8552ELF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CRL0603-FI-8552ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRL0603-FI-8552ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRL0603-FI-8552ELF Datasheet HTML 3Page - Bourns Electronic Solutions CRL0603-FI-8552ELF Datasheet HTML 4Page - Bourns Electronic Solutions CRL0603-FI-8552ELF Datasheet HTML 5Page - Bourns Electronic Solutions CRL0603-FI-8552ELF Datasheet HTML 6Page - Bourns Electronic Solutions CRL0603-FI-8552ELF Datasheet HTML 7Page - Bourns Electronic Solutions CRL0603-FI-8552ELF Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CAT25
Chip Arrays Summary
Available Types:
• Thick-Film Chip Resistor Arrays
Available Ranges:
• 5 % in E24 series
• 1 % in E96 + E24 series
Chip Arrays:
CAT10, CAT16, CAT25
CAY10, CAY16, CAY17
5 % and 1 %
5 % and 1 %
Chip Arrays Lab Kits for CAT16 and CAY16 are available.
Packaging:
Tape and reel
Applications:
Bourns offers seven sizes of Chip Resistor
Arrays for most market requirements with
bussed and isolated circuits.
Chip Arrays
• CAY Termination (Convex)
- CAY10, CAY16, CAY17
• CAT Termination (Concave)
- CAT10, CAT16, CAT25
• 2, 4 or 8 Resistor Arrays
CAY10-J2
CAT10-J4
CAY16
CAY10
CAY17
Chip Arrays Convex Terminals
CAY16-J4, F4, J8
(1206/1506)
CAT16-J4, F4, J8
(1206/1506)
CAT10-J4
(0804)
CAT17
(1206)
CAT16-J2, F2
(0606)
CAT10-J2
(0404)
CAY10-J4
(0804)
CAY17
(1206)
CAY16-J2
(0606)
CAY10-J2
(0404)
Chip Arrays Concave Terminals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com