Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC9260 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9260
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9260 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9260 Datasheet HTML 17Page - Torex Semiconductor XC9260 Datasheet HTML 18Page - Torex Semiconductor XC9260 Datasheet HTML 19Page - Torex Semiconductor XC9260 Datasheet HTML 20Page - Torex Semiconductor XC9260 Datasheet HTML 21Page - Torex Semiconductor XC9260 Datasheet HTML 22Page - Torex Semiconductor XC9260 Datasheet HTML 23Page - Torex Semiconductor XC9260 Datasheet HTML 24Page - Torex Semiconductor XC9260 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
XC9260/XC9261
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(19) Load Transient Response
V
IN = 5.0V VOUT = 1.8V f OSC = 3.0MHz IOUT = 10mA ⇒ 1.0A
L = LQM2MPN1R0MGH(1.0μH) C
IN = 10μ F(GRM155R61A106M)
C
L = 10μ F(GRM155R61A106M)
V
IN = 5.0V VOUT = 1.8V f OSC = 3.0MHz IOUT = 10mA ⇒ 1.0A
L = LQM2MPN1R0MGH(1.0μH) C
IN = 10μ F(GRM155R61A106M)
C
L = 10μ F(GRM155R61A106M)
V
IN = 5.0V VOUT = 3.3V f OSC = 3.0MHz IOUT = 10mA ⇒ 1.0A
L = LQM2MPN1R0MGH(1.0μH) C
IN = 10μF(GRM155R61A106M)
C
L = 10μF(GRM155R61A106M)
V
IN = 5.0V VOUT = 3.3V f OSC = 3.0MHz IOUT = 10mA ⇒ 1.0A
L = LQM2MPN1R0MGH(1.0μH) C
IN = 10μF(GRM155R61A106M)
C
L = 10μF(GRM155R61A106M)
IOUT : 1.0A
VOUT : 50mV/div
VOUT : 50mV/div
50μs/div
50μs/div
VOUT : 50mV/div
50μs/div
VOUT : 50mV/div
50μs/div
IOUT : 10mA
IOUT : 1.0A
IOUT : 10mA
IOUT : 1.0A
IOUT : 10mA
IOUT : 1.0A
IOUT : 10mA
XC9260A18D
XC9261A18D
XC9260A33D
XC9261A33D
V
IN = 5.0V VOUT = 1.2V f OSC = 3.0MHz IOUT = 10mA ⇒ 1.0A
L = LQM2MPN1R0MGH(1.0μH) C
IN = 10μ F(GRM155R61A106M)
C
L = 10μ F(GRM155R61A106M)
V
IN = 5.0V VOUT = 1.2V f OSC = 3.0MHz IOUT = 10mA ⇒ 1.0A
L = LQM2MPN1R0MGH(1.0μH) C
IN = 10μ F(GRM155R61A106M)
C
L = 10μ F(GRM155R61A106M)
IOUT : 1.0A
VOUT : 50mV/div
VOUT : 50mV/div
50μs/div
50μs/div
IOUT : 10mA
IOUT : 1.0A
IOUT : 10mA
XC9260A12D
XC9261A12D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com