Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP35CA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # TIP35CA
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP35CA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  TIP35CA Datasheet HTML 1Page - KEC(Korea Electronics) TIP35CA Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005. 5. 16
2/2
TIP35CA
Revision No : 0
0.1
10
1
COLLECTOR CURRENT I
(A)
C
0.3
3
0.5
5
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
T
100 C
J
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
30
10
50
100
300
500
1K
V
=4.0V
CE
P
- Tc
CASE TEMPERATURE Tc ( C)
100
150
0
25
50
75
025
50
75
125
100
125
FORWARD BIAS SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
1
3
100
10
30
SINGLE NONREPETITIVE
PLUSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX.(PULSED)*
300
µS*
DC
O
PER
AT
IO
N
C
Tc=25
C
1.0mS*
10mS*
200
(CONTINUOUS)
I
MAX
C
D
150
0.01
0.03
0.05
0.1
0.3
0.5
1
2
0.3
10
130
35
0.5
COLLECTOR CURRENT I
(A)
0.3
1
0.5
3
10
5
C
30
T =25 C
J
0.2
1
3
10
30
0.5
5
0
020
20
5
10
15
25
30
60
40
80
100
120
0.1
0.3
0.5
1
3
5
10
30
50
100
<
=
550
I
/I
=10
C
V
=30V
CC
B
I
/I
=10
V
=30V
CC
T =25 C
J
CB
B1
I
=I B2
t stg
f
t
T =25 C
J
t r
t d(on)
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com