Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS40 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAS40
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS40 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAS40 Datasheet HTML 2Page - NXP Semiconductors BAS40 Datasheet HTML 3Page - NXP Semiconductors BAS40 Datasheet HTML 4Page - NXP Semiconductors BAS40 Datasheet HTML 5Page - NXP Semiconductors BAS40 Datasheet HTML 6Page - NXP Semiconductors BAS40 Datasheet HTML 7Page - NXP Semiconductors BAS40 Datasheet HTML 8Page - NXP Semiconductors BAS40 Datasheet HTML 9Page - NXP Semiconductors BAS40 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
BAS40_1PSXXSB4X_SER_8
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 13 January 2010
6 of 21
NXP Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Tj =25 °C prior to surge.
Table 5.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
1PS70SB40
6*3
1PS75SB45
45
1PS76SB40
S4
BAS40-05
45*
1PS79SB40
T
BAS40-05W
65*
BAS40
43*
1PS70SB46
6*6
BAS40H
AJ
BAS40-06
46*
BAS40L
S6
BAS40-06W
66*
BAS40W
63*
BAS40-07
47*
1PS70SB44
6*4
BAS40-07V
67
BAS40-04
44*
BAS40-05V
65
BAS40-04W
64*
1PS88SB48
8*5
1PS70SB45
6*5
BAS40XY
40*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
40
V
IF
forward current
-
120
mA
IFRM
repetitive peak forward
current
tp ≤ 1s; δ≤ 0.5
-
120
mA
IFSM
non-repetitive peak forward
current
tp ≤ 10 ms
[1] -200
mA
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com