Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BD643 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD643
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD643 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD643 Datasheet HTML 1Page - Comset Semiconductor BD643 Datasheet HTML 2Page - Comset Semiconductor BD643 Datasheet HTML 3Page - Comset Semiconductor BD643 Datasheet HTML 4Page - Comset Semiconductor BD643 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BD643 – 645 – 647 – 649 – 651
17/10/2012
COMSET SEMICONDUCTORS
2 | 5
SEMICONDUCTORS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
IB
Base Current
BD643
300
mA
BD645
BD647
BD649
BD651
PT
Power Dissipation
@ Tmb < 25°
BD643
62.5
Watts
BD645
BD647
BD649
BD651
TJ
Junction Temperature
BD643
150
°C
BD645
BD647
BD649
BD651
Ts
Storage Temperature range
BD643
-65 to +150
BD645
BD647
BD649
BD651
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-MB
From junction to mounting base
2
K/W
RthJ-A
From junction to ambient in free air
62.5
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com