Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RJK4012DPE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK4012DPE
Description  400V - 15A - MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4012DPE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK4012DPE Datasheet HTML 1Page - Renesas Technology Corp RJK4012DPE Datasheet HTML 2Page - Renesas Technology Corp RJK4012DPE Datasheet HTML 3Page - Renesas Technology Corp RJK4012DPE Datasheet HTML 4Page - Renesas Technology Corp RJK4012DPE Datasheet HTML 5Page - Renesas Technology Corp RJK4012DPE Datasheet HTML 6Page - Renesas Technology Corp RJK4012DPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK4012DPE
Preliminary
R07DS0439EJ0200 Rev.2.00
Page 3 of 6
Jun 21, 2012
Main Characteristics
20
16
12
8
4
0
48
12
16
20
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
1
100
10
1
10
0.1
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
02
46
8
10
10
100
0.1
1
0.01
0
0.4
0.2
0.6
0.8
1.0
-25
0
50
2575
100 125 150
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
1
10
100
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
di / dt = 100 A /
μs
VGS = 0, Ta = 25°C
7 A
ID = 15 A
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
−25°C
VGS = 10 V
Ta = 25
°C
Pulse Test
3.8 A
5.25 V
5 V
5.5 V
5.75 V
6 V
VGS = 4.5 V
Ta = 25
°C
Pulse Test
Ta = 25
°C
1 shot
Operation in this
area is limited by
RDS(on)
10
μs
PW
=
100
μs
7 V
8 V,
10 V
VGS = 10 V
Pulse Test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com