Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXTA76P10T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTA76P10T
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA76P10T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTA76P10T Datasheet HTML 1Page - IXYS Corporation IXTA76P10T Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS Reserves The Right to Change Limits, Test Conditions, and Dimensions.
IXTA76P10T IXTP76P10T
IXTH76P10T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1: Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25, Note 1
35
58
S
C
iss
13.7
nF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
890
pF
C
rss
275
pF
t
d(on)
25
ns
t
r
40
ns
t
d(off)
52
ns
t
f
20
ns
Q
g(on)
197
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
65
nC
Q
gd
65
nC
R
thJC
0.42
°C/W
R
thCS
TO-220
0.50
°C/W
TO-247
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
- 76
A
I
SM
Repetitive, Pulse Width Limited by T
JM
- 304
A
V
SD
I
F = - 38A, VGS = 0V, Note 1
-1.3
V
t
rr
70
ns
Q
RM
215
nC
I
RM
- 6
A
Resistive Switching Times
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 1Ω (External)
I
F = - 38A, -di/dt = -100A/μs
V
R = - 50V, VGS = 0V
TO-247 Outline
Pins: 1 - Gate
2 - Drain
3 - Source
TO-220 Outline
Pins: 1 - Gate
2 - Drain
3 - Source
TO-263 Outline
Pins:
1 - Gate
2,4 - Drain
3 - Source



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com