Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC642B Datasheet(PDF) 44 Page - Microchip Technology

Part # TC642B
Description  Analog & Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642B Datasheet(HTML) 44 Page - Microchip Technology

Back Button TC642B Datasheet HTML 36Page - Microchip Technology TC642B Datasheet HTML 37Page - Microchip Technology TC642B Datasheet HTML 38Page - Microchip Technology TC642B Datasheet HTML 39Page - Microchip Technology TC642B Datasheet HTML 40Page - Microchip Technology TC642B Datasheet HTML 41Page - Microchip Technology TC642B Datasheet HTML 42Page - Microchip Technology TC642B Datasheet HTML 43Page - Microchip Technology TC642B Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
Microchip Technology Inc .
2355 W. Chandler Blvd .
Chandler, AZ 85224-6199
www.microchip.com
AMERICAS
Atlanta
Tel: 678-957-9614
Boston
Tel: 774-760-0087
Chicago
Tel: 630-285-0071
Cleveland
Tel: 216-447-0464
Dallas
Tel: 972-818-7423
Detroit
Tel: 248-538-2250
Indianapolis
Tel: 317-773-8323
Los Angeles
Tel: 949-462-9523
Santa Clara
Tel: 408-961-6444
Toronto
Mississauga, Ontario
Tel: 905-673-0699
EUROPE
Austria - Wels
Tel: 43-7242-2244-39
Denmark - Copenhagen
Tel: 45-4450-2828
France - Paris
Tel: 33-1-69-53-63-20
Germany - Munich
Tel: 49-89-627-144-0
Italy - Milan
Tel: 39-0331-742611
Netherlands - Drunen
Tel: 31-416-690399
Spain - Madrid
Tel: 34-91-708-08-90
UK - Wokingham
Tel: 44-118-921-5869
ASIA/PACIFIC
Australia - Sydney
Tel: 61-2-9868-6733
China - Beijing
Tel: 86-10-8569-7000
China - Chengdu
Tel: 86-28-8665-5511
China - Chongqing
Tel: 86-23-8980-9588
China - Hangzhou
Tel: 86-571-2819-3187
China - Hong Kong SAR
Tel: 852-2943-5100
China - Nanjing
Tel: 86-25-8473-2460
China - Qingdao
Tel: 86-532-8502-7355
China - Shanghai
Tel: 86-21-5407-5533
China - Shenyang
Tel: 86-24-2334-2829
China - Shenzhen
Tel: 86-756-8864-2200
China - Wuhan
Tel: 86-27-5980-5300
China - Xiamen
Tel: 86-592-2388138
China - Xian
Tel: 86-29-8833-7252
China - Zhuhai
Tel: 86-756-3210040
Sales Office Listing
ASIA/PACIFIC
India - Bangalore
Tel: 91-80-3090-4444
India - New Delhi
Tel: 91-11-4160-8631
India - Pune
Tel: 91-20-2566-1512
Japan - Osaka
Tel: 81-6-6152-7160
Japan - Tokyo
Tel: 81-3-6880-3770
Korea - Daegu
Tel: 82-53-744-4301
Korea - Seoul
Tel: 82-2-554-7200
Malaysia - Kuala Lumpur
Tel: 60-3-6201-9857
Malaysia - Penang
Tel: 60-4-227-8870
Philippines - Manila
Tel: 63-2-634-9065
Singapore
Tel: 65-6334-8870
Taiwan - Hsin Chu
Tel: 886-3-5778-366
Taiwan - Kaohsiung
Tel: 886-7-213-7828
Taiwan - Taipei
Tel: 886-2-2508-8600
Thailand - Bangkok
Tel: 66-2-694-1351
11/29/11
Support
Microchip is committed to supporting its customers
in developing products faster and more efficiently. We
maintain a worldwide network of field applications
engineers and technical support ready to provide product
and system assistance . In addition, the following service
areas are available at www.microchip.com:
Support link provides a way to get questions
answered fast: http://support.microchip.com
Sample link offers evaluation samples of any
Microchip device: http://sample.microchip.com
Forum link provides access to knowledge base and
peer help: http://forum.microchip.com
Buy link provides locations of Microchip Sales Channel
Partners: www.microchip.com/sales
Training
If additional training interests you, then Microchip can
help . We continue to expand our technical training options,
offering a growing list of courses and in-depth curriculum
locally, as well as significant online resources – whenever
you want to use them .
Technical Training Centers: www.microchip.com/training
MASTERs Conferences: www.microchip.com/masters
Worldwide Seminars: www.microchip.com/seminars
eLearning: www.microchip.com/webseminars
Resources from our Distribution and Third Party Partners
www.microchip.com/training
Information subject to change . The Microchip name and logo, the Microchip logo, dsPIC, MPLAB and PIC are registered trademarks
and PICDEM, PICtail and mTouch are trademarks of Microchip Technology Incorporated in the U .S .A . and other countries . © 2012
Energizer. Energizer and other marks are trademarks owned by Energizer. All other trademarks mentioned herein are property
of their respective companies . © 2012, Microchip Technology Incorporated . All Rights Reserved . Printed in the U .S .A . 12/12
DS21060AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com