Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC49SDLF Datasheet(PDF) 2 Page - Fox Electronics

Part # HC49SDLF
Description  Resistance Weld SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49SDLF Datasheet(HTML) 2 Page - Fox Electronics

  HC49SDLF Datasheet HTML 1Page - Fox Electronics HC49SDLF Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
39
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
Resistance Weld SMD Crystal
Rev. 5/2/2013
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SDLF
Page 2 of 2
• HC49SDLF Standard Crystals
Frequency
3.579545
3.686400
4.000000
4.194304
4.915200
6.000000
7.372800
8.000000
8.192000
10.000000
11.059200
12.000000
12.288000
14.318180
14.745600
16.000000
20.000000
22.118400
24.000000
24.576000
25.000000
CL
18pF
20pF
20pF
12pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
HC49SDLF Part Number
FOXSDLF/036S
FOXSDLF/0368-20
FOXSDLF/040
FOXSDLF/041
FOXSDLF/049-20
FOXSDLF/060-20
FOXSDLF/073-20
FOXSDLF/080-20
FOXSDLF/081-20
FOXSDLF/100-20
FOXSDLF/115-20
FOXSDLF/120-20
FOXSDLF/128-20
FOXSDLF/143-20
FOXSDLF/147-20
FOXSDLF/160-20
FOXSDLF/200-20
FOXSDLF/221-20
FOXSDLF/240F-20 (Fundamental)
FOXSDLF/245F-20 (Fundamental)
FOXSDLF/250F-20 (Fundamental)
ESR W Max
200
200
150
150
150
120
80
80
80
60
60
60
60
40
40
40
30
30
30
30
30
All specifications subject to change without notice.
HC49SDLF
±30PPM
±50PPM
-20°C ~ +70°C
PARAMETER
Frequency Tolerance @ 25°C
Frequency Stability
Operating Temperature Range
• FOX STANDARD SPECIFICATIONS
• TAPE SPECIFICATIONS (millimeters)
MODEL
HC49SDLF
A
∅
1.5
B
4.0
C
12.0
D
11.5
E
24.0
F
4.8
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
∅
13
I
∅
21
J
∅
80
K
∅
330
L
25.5
M
2.0
MODEL
HC49SDLF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com