Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADM6320xxxARJZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM6320xxxARJZ-R7
Description  Supervisory Circuits with Watchdog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6320xxxARJZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM6320xxxARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 12Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 13Page - Analog Devices ADM6320xxxARJZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Data Sheet
Rev. F | Page 10 of 16
APPLICATIONS INFORMATION
WATCHDOG INPUT CURRENT
To minimize watchdog input current (and minimize overall
power consumption), leave WDI low for the majority of the
watchdog timeout period. When driven high, WDI can draw
as much as 160 µA. Pulsing WDI low-to-high-to-low at a low
duty cycle reduces the effect of the large input current. When
WDI is unconnected, a window comparator disconnects the
watchdog timer from the reset output circuitry so that reset is
not asserted when the watchdog timer times out.
NEGATIVE-GOING VCC TRANSIENTS
To avoid unnecessary resets caused by fast power supply transients,
the ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/
ADM6321/ADM6322 are equipped with glitch rejection circuitry.
The typical performance characteristic in Figure 14 plots VCC
transient duration vs. the transient magnitude. The curves show
combinations of transient magnitude and duration for which a
reset is not generated for 4.63 V and 2.93 V reset threshold
parts. For example, with the 2.93 V threshold, a transient that
goes 100 mV below the threshold and lasts 8 µs typically does
not cause a reset, but if the transient is any larger in magnitude
or duration, a reset is generated. An optional 0.1 µF bypass
capacitor mounted close to VCC provides additional glitch
rejection.
ENSURING RESET VALID TO VCC = 0 V
Both active-low and active-high reset outputs are guaranteed
to be valid for VCC as low as 1 V. However, by using an external
resistor with push-pull configured reset outputs, valid outputs
for VCC as low as 0 V are possible. For an active-low reset output, a
resistor connected between RESET and ground pulls the output
low when it is unable to sink current. For the active-high case, a
resistor connected between RESET and VCC pulls the output high
when it is unable to source current. A large resistance, such as
100 kΩ, should be used so that it does not overload the reset
output when VCC is above 1 V.
ADM6316/
ADM6318/
ADM6319
VCC
RESET
100k
Ω
ADM6317/
ADM6318/
ADM6319/
ADM6321/
ADM6322
VCC
RESET
100
kΩ
Figure 19. Ensuring Reset Valid to VCC = 0 V
WATCHDOG SOFTWARE CONSIDERATIONS
In implementing the microprocessor’s watchdog strobe code,
quickly switching WDI low to high and then high to low (mini-
mizing WDI high time) is desirable for current consumption
reasons. However, a more effective way of using the watchdog
function can be considered.
A low-to-high-to-low WDI pulse within a given subroutine
prevents the watchdog from timing out. However, if the sub-
routine becomes stuck in an infinite loop, the watchdog cannot
detect this because the subroutine continues to toggle WDI. A
more effective coding scheme for detecting this error involves
using a slightly longer watchdog timeout. In the program that
calls the subroutine, WDI is set high. The subroutine sets WDI
low when it is called. If the program executes without error, WDI
is toggled high and low with every loop of the program. If the
subroutine enters an infinite loop, WDI is kept low, the watchdog
times out, and the microprocessor is reset (see Figure 20).
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE
SET WDI
LOW
RETURN
INFINITE LOOP:
WATCHDOG
TIMES OUT
RESET
Figure 20. Watchdog Flow Diagram
RESET
RESET
WDI
I/O
MR
ADM6316
VCC
MICROPROCESSOR
Figure 21. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com