Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4981B Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4981B
Description  POWER FACTOR CORRECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4981B Datasheet HTML 8Page - STMicroelectronics L4981B Datasheet HTML 9Page - STMicroelectronics L4981B Datasheet HTML 10Page - STMicroelectronics L4981B Datasheet HTML 11Page - STMicroelectronics L4981B Datasheet HTML 12Page - STMicroelectronics L4981B Datasheet HTML 13Page - STMicroelectronics L4981B Datasheet HTML 14Page - STMicroelectronics L4981B Datasheet HTML 15Page - STMicroelectronics L4981B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DEMO BOARD EVALUATION RESULTS
Table 2. Nominal Power range at 110Vac.
Vmains
Pout
Vout
Pin
THD
PF
Eff.
88Vac
366W
404Vdc
397W
5%
0.998
.92
110Vac
370W
406Vdc
395W
2.2%
0.999
.94
132Vac
372W
407Vdc
394W
3%
0.999
.945
Table 3. Nominal Power range at 220Vac.
Vmains
Pout
Vout
Pin
THD
PF
Eff.
176Vac
378W
410Vdc
394W
4.7%
0.997
.959
220Vac
381W
412Vdc
395W
6.4%
0.993
.964
264Vac
381W
412Vdc
395W
8.1%
0.987
.964
REFERENCE:
AN628 - DESIGNING A HIGH POWER FACTOR SWITCHING PREREGULATOR WITH THE L4981
CONTINUOUS MODE
L4981A - L4981B
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com