Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPDV1240RG Datasheet(PDF) 1 Page - STMicroelectronics

Part # TPDV1240RG
Description  40 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV1240RG Datasheet(HTML) 1 Page - STMicroelectronics

  TPDV1240RG Datasheet HTML 1Page - STMicroelectronics TPDV1240RG Datasheet HTML 2Page - STMicroelectronics TPDV1240RG Datasheet HTML 3Page - STMicroelectronics TPDV1240RG Datasheet HTML 4Page - STMicroelectronics TPDV1240RG Datasheet HTML 5Page - STMicroelectronics TPDV1240RG Datasheet HTML 6Page - STMicroelectronics TPDV1240RG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 2011
Doc ID 18270 Rev 1
1/7
7
TPDVxx40
40 A high voltage Triacs
Features
■ On-state current (IT(RMS)): 40 A
■ Max. blocking voltage (VDRM/VRRM): 1200 V
■ Gate current (IGT): 200 mA
■ Commutation @ 10 V/µs: up to 142 A/ms
■ Noise immunity: 500 V/µs
■ insulated package:
– 2,500 V rms (UL recognized: E81734).
Description
The TPDVxx40 series use a high performance
alternistor technology.
Featuring very high commutation levels and high
surge current capability, this family is well adapted
to power control on inductive load (motor,
transformer...)
TOP3 insulated
A2
A1
G
A2
A1
G
Table 1.
Device summary
Parameter
TPDV640RG
TPDV840RG
TPDV1240RG
Blocking voltage VDRM/VRRM
600 V
800 V
1200 V
On-state current IT(RMS)
40 A
Gate current IGT
200 mA
www.st.com


Similar Part No. - TPDV1240RG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TPDV1240RG ISC-TPDV1240RG Datasheet
221Kb / 1P
isc Triacs
logo
STMicroelectronics
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
More results

Similar Description - TPDV1240RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
40-A Silicon Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
TPDVXX25 STMICROELECTRONICS-TPDVXX25 Datasheet
82Kb / 7P
25 A high voltage Triacs
13-Jan-2012
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
TXDV1212RG STMICROELECTRONICS-TXDV1212RG Datasheet
93Kb / 7P
12 A high voltage Triacs
13-Jan-2012
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
40-A Silicon Triacs
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com