Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

93LC86P Datasheet(PDF) 8 Page - Microchip Technology

Part # 93LC86P
Description  8K/16K 2.5V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 93LC86P Datasheet HTML 4Page - Microchip Technology 93LC86P Datasheet HTML 5Page - Microchip Technology 93LC86P Datasheet HTML 6Page - Microchip Technology 93LC86P Datasheet HTML 7Page - Microchip Technology 93LC86P Datasheet HTML 8Page - Microchip Technology 93LC86P Datasheet HTML 9Page - Microchip Technology 93LC86P Datasheet HTML 10Page - Microchip Technology 93LC86P Datasheet HTML 11Page - Microchip Technology 93LC86P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
93LC76/86
DS21131F-page 8
 2010 Microchip Technology Inc.
FIGURE 3-1:
SYNCHRONOUS DATA TIMING
FIGURE 3-2:
READ
FIGURE 3-3:
EWEN
The memory automatically cycles to the next register.
VIH
VIL
VIH
VIL
VIH
VOH
VOL
VOH
VOL
VIL
TSV
TDIS
TPD
TDIH
TCSS
TCKH
TCKL
TPD
TCSH
TCZ
TCZ
CS
CLK
DI
DO
DO
(Program)
(Read)
Status Valid
11
0
AN
A0
DN
DN
D0
D0
...
...
...
High-impedance
TCSL
CS
CLK
DI
DO
0
CS
CLK
DI
11
1
00
TCSL
XX
...
ORG = VCC, 8 X’s
ORG = VSS, 9 X’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com