Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1554681 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1554681
Description  Flush-type connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1554681 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1554681 Datasheet HTML 1Page - PHOENIX CONTACT 1554681 Datasheet HTML 2Page - PHOENIX CONTACT 1554681 Datasheet HTML 3Page - PHOENIX CONTACT 1554681 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1554681
17.04.2013   Page 3 / 4
Flush-type connector - SACC-DSI-M12MS-5CON-PG9/0,5 VA - 1554681
Classifications
UNSPSC
UNSPSC 7.0901
31251501
eCl@ss
eCl@ss 4.0
27250313
eCl@ss 4.1
27250313
eCl@ss 5.0
27143423
eCl@ss 5.1
27143423
eCl@ss 6.0
27143423
eCl@ss 7.0
27449001
Approvals
Approvals
Approvals
GOST / UL Recognized
Ex Approvals
Approvals submitted
Approval details
GOST 
UL Recognized 
 
 
mm²/AWG/kcmil
26-20
Nominal current IN
4 A
Nominal voltage UN
60 V
Drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com