Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3006DB Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TS3006DB
Description  A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3006DB Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TS3006DB Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3006DB Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3006DB Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TS3006 Demo Board
TS3006DB r1p0
Page 2
RTFDS
DESCRIPTION
The TS3006 requires only an RSET = 4.32MΩ
resistor to set the FOUT/PWMOUT output period to
40µs(25kHz). The complete circuit is designed at a
supply voltage of 5V and it is shown in Figure 1.
The TS3006 is a user-programmable oscillator where
the period of the square wave at its FOUT terminal is
generated by an external resistor connected to the
RSET pin. The output period is given by:
O T (
)
1 08 11
S T
Equation 1. FOUT Frequency Calculation
With
RSET
=
4.32M
Ω,
the
FOUT
period
is
approximately 40µs (25kHz) with a 50% duty cycle.
As design aids, Tables 1 lists TS3006
’s typical O T
frequency for various standard values for RSET.
QUICK START PROCEDURE
Required Equipment
 TS3006 Demo Board
 DC Power Supply
 Oscilloscope
Model
Agilent
DSO1014A
or
equivalent
 One 10X
, 15p //10MΩ oscilloscope probe
To evaluate the TS3006 silicon timer, the following
steps are to be performed:
1) Before connecting the DC power supply to the
demo board, turn on the power supply, set the
DC voltage to 5V, and then turn it off.
2) Connect the DC power supply positive terminal to
the test point labeled VDD. Connect the negative
terminal of the DC power supply to the test point
labeled GND.
3) To monitor the FOUT output signal, connect the
signal terminal of an oscilloscope probe to the
test point labeled FOUT and the ground terminal
to the test point labeled GND.
4) Select a channel on the oscilloscope and set the
vertical voltage scale and the vertical position to
2V/DIV and 0V, respectively. Set the horizontal
time scale to 5µs/DIV. The coupling should be
DC coupling. Turn on the power supply.
The supply current will vary depending on the
load on the output. Given the default set-up on
the
board,
the
FOUT
output
period
is
approximately 40µs. With an output load of 15pF
on FOUT due to the oscilloscope probe, the
supply current should be less than 4µA.
RSET (MΩ)
FOUT (kHz)
0.360
300
1
108
2.49
43.37
4.32
25
6.81
15.86
9.76
11.07
12
9
Table 1: FOUT vs RSET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com