Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE43704DS Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE43704DS
Description  UltraCMOS짰 RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional VssEXT Bypass Mode 9 kHz - 8 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43704DS Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE43704DS Datasheet HTML 2Page - Peregrine Semiconductor PE43704DS Datasheet HTML 3Page - Peregrine Semiconductor PE43704DS Datasheet HTML 4Page - Peregrine Semiconductor PE43704DS Datasheet HTML 5Page - Peregrine Semiconductor PE43704DS Datasheet HTML 6Page - Peregrine Semiconductor PE43704DS Datasheet HTML 7Page - Peregrine Semiconductor PE43704DS Datasheet HTML 8Page - Peregrine Semiconductor PE43704DS Datasheet HTML 9Page - Peregrine Semiconductor PE43704DS Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Document No. DOC-16514-6 |
UltraCMOS® RFIC Solutions
Page 6 of 20
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
PE43704
Product Specification
Table 7. Latch and Clock Specifications
Latch Enable
Function
0
Shift register clocked
Contents of shift register
transferred to attenuator core
Shift Clock
X
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS® device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS®
devices are immune to latch-up.
Switching Frequency
The PE43704 has a maximum 25 kHz switching
rate when the internal negative voltage generator
is used (pin 20 = GND). The rate at which the
PE43704 can be switched is only limited to the
switching time (Tables 1-3) if an external negative
supply is provided (pin 20 = VssEXT).
Switching frequency is defined to be the speed at
which the DSA can be toggled across attenuation
states. Switching time is the time duration
between the point the control signal reaches 50%
of the final value and the point the output signal
reaches within 10% or 90% of its target value.
Optional External Vss Control (VssEXT)
For proper operation, the VssEXT control pin must
be grounded or tied to the Vss voltage specified in
Table 5. When the VssEXT control pin is grounded,
FETs in the switch are biased with an internal
voltage generator. For applications that require
the lowest possible spur performance, VssEXT can
be applied externally to bypass the internal
negative voltage generator.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE43704 in the 5x5 QFN package is MSL1.
Safe Attenuation State Transitions
The PE43704 features a novel architecture to
provide safe transition behavior when changing
attenuation states. When RF input power is
applied, positive output power spikes are
prevented during attenuation state changes by
optimized internal timing control.
Table 6. Absolute Maximum Ratings
Parameter/Condition
Symbol
Min
Max
Unit
Supply voltage
VDD
-0.3
5.5
V
Digital input voltage
VCTRL
-0.3
3.6
V
RF input power, max
PMAX,ABS
+34
dBm
Storage temperature range
TST
-65
+150
°C
ESD voltage HBM1, all pins
VESD,HBM
1500
V
ESD voltage MM2, all pins
VESD,MM
200
V
ESD voltage CDM3, all pins
VESD,CDM
250
V
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Notes: 1. Human Body Model (MIL-STD 883 Method 3015)
2. Machine Model (JEDEC JESD22-A115)
3. Charged Device Model (JEDEC JESD22-C101)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com