Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPM-7355 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7355
Description  UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7355 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7355 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Recommended Operating Condition
Description
Min
Typ
Max
Unit
DC Supply Voltage
3.2
3.4
4.2
V
Enable Voltage
(Ven_Low, Ven_Hi)
LOW
HIGH
0
1.35
0
2.6
0.5
3.1
V
V
Mode Control Voltage
(Vmode)
LOW
HIGH
0
1.35
0
2.6
0.5
3.1
V
V
Bypass Control Voltage
(Vbp)
LOW
HIGH
0
1.35
0
2.6
0.5
3.1
V
V
Operating Frequency
Band5
Band2
824
1850
849
1910
MHz
MHz
Ambient Temperature
-30
25
85
°C
Operating Logic Table
Power Mode
Ven_Low,
Ven_Hi
Vbp
Vmode
Pout (Rel99)
Pout (HSDPA, HSUPA MPR=0dB)
High Power Mode
HIGH
LOW
LOW
~27.0dBm (Band5)
~27.5dBm(Band2)
~26.0dBm (Band5)
~ 26.5dBm (Band2)
Mid Power Mode
HIGH
LOW
HIGH
~17dBm
~16dBm
Bypass Mode
HIGH
HIGH
HIGH
~8dBm
~7dBm
Shut Down Mode
LOW
LOW
LOW
–
–
Absolute Maximum Ratings
No damage assuming only one parameter is set at limit at a time with all other parameters set at or below typical value.
Operation of any single parameter outside these conditions with the remaining parameters set at or below typical values
may result in permanent damage.
Description
Min
Typ
Max
Unit
Associated Pins
RF Input Power (high power mode)
Output power (bypass mode)
Output power (mid power mode)
010
10
18
dBm
RFIn_Hi, RFIn_Low
RFOut_Hi, RFOut_Low
RFOut_Hi, RFOut_Low
DC Supply Voltage
0
3.4
5.0
V
Vcc1, Vcc2
Enable Voltage
0
2.6
3.3
V
Ven_Low, Ven_Hi
Mode Control Voltage
0
2.6
3.3
V
Vmode
Bypass Control
0
2.6
3.3
V
Vbp
Storage Temperature
-55
25
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com