Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL85D6SA Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # QL85D6SA
Description  Infrared Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL85D6SA Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  QL85D6SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 4Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
09.05.2012
QL85D6SA
1 of 5
QL85D6SA
TECHNICAL DATA
Infrared Laser Diode
Features
• AlGaAs laser diode
• Peak Wavelength: 850 nm
• Optical Ouput Power: 5 mW
• Package: 5.6 mm, with photo diode
Electrical Connection
Pin Configuration
Bottom View
m-type
PIN
Function
1
LD Cathode
2
LD Anode, PD Cathode
3
PD Anode
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
CW Output Power
PO
7
mW
LD Reverse Voltage
VR (LD)
2
V
PD Reverse Voltage
VR (PD)
30
V
Operating Case Temperature
TC
-10 … +60
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
5
-
mW
Peak Wavelength *
λ
P
845
850
855
nm
FWHM Beam Divergence
θ║
7
9
12
deg
θ┴
25
32
40
deg
Emission Point Accuracy
Angle
Δθ║
-2.0
-
2.0
deg
Δθ┴
-3.0
-
3.0
deg
Astigmatism
As
15
µm
Electrical Specifications
Threshold Current
Ith
5
10
20
mA
Operating Current
Iop
15
20
30
mA
Slope Efficiency
η
0.4
0.7
0.9
W/A
Operating Voltage
Uop
-
1.9
2.5
V
Monitor Current
Im
0.2
0.4
0.6
mA
* Measuring specifications.
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - QL85D6SA

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
FEATURES
QL85H6S-A ROITHNER-QL85H6S-A Datasheet
242Kb / 5P
OVERVIEW
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
QL85H6S-B ROITHNER-QL85H6S-B Datasheet
242Kb / 5P
OVERVIEW
QL85H6S-C ROITHNER-QL85H6S-C Datasheet
242Kb / 5P
OVERVIEW
More results

Similar Description - QL85D6SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-8032-001 SANYO-DL-8032-001 Datasheet
40Kb / 2P
INFRARED LASER DIODE
logo
Roithner LaserTechnik G...
QL85I6SA ROITHNER-QL85I6SA Datasheet
179Kb / 3P
Infrared Laser Diode
RLT1060-20G ROITHNER-RLT1060-20G Datasheet
116Kb / 2P
Infrared Laser Diode
RLT1060-50G ROITHNER-RLT1060-50G Datasheet
116Kb / 2P
Infrared Laser Diode
RLT1550-100G ROITHNER-RLT1550-100G Datasheet
83Kb / 1P
Infrared Laser Diode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
Infrared Laser Diode
S8450MG ROITHNER-S8450MG Datasheet
322Kb / 5P
Infrared Laser Diode
RLTMDL-845 ROITHNER-RLTMDL-845 Datasheet
180Kb / 1P
infrared diode laser
RLT830-200MGS ROITHNER-RLT830-200MGS Datasheet
422Kb / 2P
Infrared Laser Diode
RLT1064-100GS ROITHNER-RLT1064-100GS Datasheet
449Kb / 2P
Infrared Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com