| Electronic Components Datasheet Search |
|
ADC0804LCWM Datasheet(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0804LCWM Datasheet(HTML) 40 Page - Texas Instruments |
|
40 / 48 page ![]() ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013 www.ti.com NOTE: All numerical values are hexadecimal representations. Figure 65. Software for Auto-Zeroed Differential A/D The following notes apply: • It is assumed that the CPU automatically performs a RST 7 instruction when a valid interrupt is acknowledged (CPU is in interrupt mode 1). Hence, the subroutine starting address of X0038. • The address bus from the Z-80 and the data bus to the Z-80 are assumed to be inverted by bus drivers. • A/D data and identifying words will be stored in sequential memory locations starting at the arbitrarily chosen address X 3E00. • The stack pointer must be dimensioned in the main program as the RST 7 instruction automatically pushes the PC onto the stack and the subroutine uses an additional 6 stack addresses. • The peripherals of concern are mapped into I/O space with the following port assignments: HEX PORT ADDRESS PERIPHERAL HEX PORT ADDRESS PERIPHERAL 00 MM74C374 8-bit flip-flop 04 A/D 4 01 A/D 1 05 A/D 5 02 A/D 2 06 A/D 6 03 A/D 3 07 A/D 7 40 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |