Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3356 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3356
Description  NPN Silicon RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3356 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3356 Datasheet HTML 1Page - Renesas Technology Corp 2SC3356 Datasheet HTML 2Page - Renesas Technology Corp 2SC3356 Datasheet HTML 3Page - Renesas Technology Corp 2SC3356 Datasheet HTML 4Page - Renesas Technology Corp 2SC3356 Datasheet HTML 5Page - Renesas Technology Corp 2SC3356 Datasheet HTML 6Page - Renesas Technology Corp 2SC3356 Datasheet HTML 7Page - Renesas Technology Corp 2SC3356 Datasheet HTML 8Page - Renesas Technology Corp 2SC3356 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SC3356
R09DS0021EJ0300 Rev.3.00
Page 4 of 7
Jun 28, 2011
7
0
1
2
3
4
5
6
0.5
1
5
10
50 70
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
5
4
3
2
1
0
15
3
6
9
12
0
24
6
8
10
Collector to Emitter Voltage VCE (V)
NOISE FIGURE, INSERTION POWER GAIN
vs. COLLECTOR TO EMITTER VOLTAGE
f = 1 GHz
IC = 20 mA
|S21e|
2
NF
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com