Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM101C/AC Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSM101C/AC
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101C/AC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSM101C/AC Datasheet HTML 4Page - STMicroelectronics TSM101C/AC Datasheet HTML 5Page - STMicroelectronics TSM101C/AC Datasheet HTML 6Page - STMicroelectronics TSM101C/AC Datasheet HTML 7Page - STMicroelectronics TSM101C/AC Datasheet HTML 8Page - STMicroelectronics TSM101C/AC Datasheet HTML 9Page - STMicroelectronics TSM101C/AC Datasheet HTML 10Page - STMicroelectronics TSM101C/AC Datasheet HTML 11Page - STMicroelectronics TSM101C/AC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TSM101/A
8/13
Figure 4 : An Auxiliary Winding for TSM101 Power Supply
5.3. Higher Precision for the Voltage Control
The voltage drop through the sense resistor R5
offsets the voltage measurement. In most battery
charging applications, this offset is not taken into
account because the error is negligeable com-
pared to the end-of-charge voltage due to the fact
that the charging current value decreases drasti-
cally during the final phase of the battery charging.
But in other applications needing highest possible
precision in voltage control, another connecting
schematic is possible for TSM101 as shown on
figure 5.
Figure 5 : Precise Output Voltage Control
In this schematic, the 0V reference is defined as
the common point between the sense resistor, the
0V Output Voltage, the foot of the resistor bridge
R6/R7, and the ground (pin 4) of the TSM101.
TSM101A (1% internal voltage reference preci-
sion) is required in such applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com