Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9852AST Datasheet(PDF) 25 Page - Analog Devices

Part # AD9852AST
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852AST Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9852AST Datasheet HTML 21Page - Analog Devices AD9852AST Datasheet HTML 22Page - Analog Devices AD9852AST Datasheet HTML 23Page - Analog Devices AD9852AST Datasheet HTML 24Page - Analog Devices AD9852AST Datasheet HTML 25Page - Analog Devices AD9852AST Datasheet HTML 26Page - Analog Devices AD9852AST Datasheet HTML 27Page - Analog Devices AD9852AST Datasheet HTML 28Page - Analog Devices AD9852AST Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AD9852
Rev. E | Page 25 of 52
CLR ACC2
F1
0
FREQUENCY
MODE
TW1
DPW
000 (DEFAULT)
0
RAMP RATE
011 (CHIRP)
I/O UD CLK
Figure 43. Effect of CLR ACC2 in FM Chirp Mode
HOLD
F1
0
FREQUENCY
MODE
TW1
DFW
000 (DEFAULT)
0
RAMP RATE
011 (CHIRP)
F1
DELTA FREQUENCY WORD
RAMP RATE
I/O UD CLK
Figure 44. Example of Hold Function
The 32-bit automatic I/O update counter can be used to
construct complex chirp or ramped FSK sequences. Because
this internal counter is synchronized with the AD9852 system
clock, it allows precisely timed program changes to be invoked.
For such changes, the user need only reprogram the desired
registers before the automatic I/O update clock is generated.
In chirp mode, the destination frequency is not directly speci-
fied. If the user fails to control the chirp, the DDS automatically
confines itself to the frequency range between dc and Nyquist.
Unless terminated by the user, the chirp continues until power
is removed.
When the chirp destination frequency is reached, the user can
choose any of the following actions:
•
Stop at the destination frequency either by using the
HOLD pin or by loading all 0s into the delta frequency
word registers of the frequency accumulator (ACC1).
•
Use the HOLD pin function to stop the chirp, and then ramp
down the output amplitude either by using the digital multi-
plier stages and the output shaped keying pin (Pin 30) or by
using the program register control (Address 21 hex to
Address 24 hex).
•
Abruptly end the transmission with the CLR ACC2 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com