Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADN8831ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADN8831
Data Sheet
Rev. A | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings at 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
125°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
32-lead LFCSP (ACPZ)
33.4
1.02
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com