Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP2300AUJZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2300AUJZ-R7
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2300AUJZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2300AUJZ-R7 Datasheet HTML 1Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 2Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 3Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 4Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 5Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 6Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP2300/ADP2301
Rev. C | Page 5 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADP2300/
ADP2301
TOP VIEW
(Not to Scale)
1
2
3
6
5
4
SW
VIN
EN
BST
GND
FB
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BST
Boost Supply for the High-Side MOSFET Driver. A 0.1 µF capacitor is connected between the SW and BST pins
to form a floating supply to drive the gate of the MOSFET switch above the V
IN supply voltage.
2
GND
Ground. Connect this pin to the ground plane.
3
FB
Feedback Voltage Sense Input. Connect this pin to a resistive divider from V
OUT. Set the voltage to 0.8 V for a
desired V
OUT.
4
EN
Output Enable. Pull this pin high to enable the output. Pull this pin low to disable the output. This pin can
also be used as a programmable UVLO input. This pin has a 1.2 µA pull-down current to GND.
5
VIN
Power Input. Connect to the input power source with a ceramic bypass capacitor to GND directly from this pin.
6
SW
Switch Node Output. Connect an inductor to V
OUT and a catch diode to GND from this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com