Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC4536 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4536
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4536 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4536 Datasheet HTML 1Page - Renesas Technology Corp 2SC4536 Datasheet HTML 2Page - Renesas Technology Corp 2SC4536 Datasheet HTML 3Page - Renesas Technology Corp 2SC4536 Datasheet HTML 4Page - Renesas Technology Corp 2SC4536 Datasheet HTML 5Page - Renesas Technology Corp 2SC4536 Datasheet HTML 6Page - Renesas Technology Corp 2SC4536 Datasheet HTML 7Page - Renesas Technology Corp 2SC4536 Datasheet HTML 8Page - Renesas Technology Corp 2SC4536 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TRANSISTOR
2SC4536
NPN EPITAXIAL SILICON RF TRANSISTOR FOR
HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
3-PIN POWER MINIMOLD
The mark
• shows major revised points.
Document No. PU10338EJ01V0DS (1st edition)
(Previous No. P10369EJ2V1DS00)
Date Published May 2003 CP(K)
Printed in Japan
©
©
©
© NEC Compound Semiconductor Devices 1994, 2003
DESCRIPTION
The 2SC4536 is designed for use in middle power, low distortion low noise figure RF amplifier.
It features
excellent linearity and large dynamic range, which make it suitable for CATV, telecommunication, and other use, it
employs plastic surface mount type package (SOT-89).
FEATURES
• Low distortion: IM2 = 59.0 dBc TYP., IM3 = 82.0 dBc TYP. @ VCE = 10 V, IC = 50 mA
• Low noise: NF = 2.0 dB TYP. @ VCE = 10 V, IC = 50 mA, f = 1 GHz
• Large Ptot : Ptot = 2.0 W (Mounted on double-sided copper-clad 16 cm
2
× 0.7 mm (t) ceramic substrate)
• Small package : 3-pin power minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC4536
25 pcs (Non reel)
• 12 mm wide embossed taping
2SC4536-T1
1 kpcs/reel
• Collector face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 25 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
250
mA
Total Power Dissipation
Ptot
Note
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on double-sided copper-clad 16 cm
2
× 0.7 mm (t) ceramic substrate



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com