Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XS3F-M421-405-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XS3F-M421-405-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-405-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  XS3F-M421-405-R Datasheet HTML 1Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 2Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 3Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 4Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 5Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
6
J
ANGLE CHARACTERISTICS
5
4
3
2
1
0
--1
--2
--3
--4
--5
--40
--30
--20
--10
0
10
20
30
40
(Left and Right)
Target object:
White paper 50 " 50 mm
Sensing distance:30 mm
5
4
3
2
1
0
--1
--2
--3
--4
--5
--40
--30
--20
--10
0
10
20
30
40
Target object:
White paper 50 " 50 mm
Sensing distance:30 mm
Sensing object
Inclination
angle
Inclination angle " (#)
Sensing object
#"
– "
Inclination
angle
E3G-L1j (Up and Down)
E3G-L1j (Left and Right)
Inclination angle " (#)
(Up and Down)
– "
#"
5
4
3
2
1
0
--1
--2
--3
--4
--5
--40
--30
--20
--10
0
10
20
30
40
5
4
3
2
1
0
--1
--2
--3
--4
--5
--40 --30
--20
--10
010
20
30
40
Inclination angle " (#)
(Left and Right)
Target object:
White paper 50 " 50 mm
Sensing distance:50 mm
Sensing object
Inclination angle " (#)
#"
– "
Inclination
angle
E3G-L1j (Up and Down)
E3G-L1j (Left and Right)
Target object:
White paper 50 " 50 mm
Sensing distance:50 mm
(Up and Down)
Inclination
angle
#"
– "
Sensing object
10
8
6
4
2
0
--2
--4
--6
--8
--10
--40
--30
--20
--10
0
10
20
30
40
Target object:
White paper 50 " 50 mm
Sensing distance:50 mm
Sensing object
10
8
6
4
2
0
--2
--4
--6
--8
--10
--40
--30
--20
--10
0
10
20
40
30
Inclination angle " (#)
Inclination angle " (#)
Target object:
White paper 50 " 50 mm
Sensing distance:50 mm
(Up and Down)
Sensing object
Inclination
angle
(Left and Right)
#"
– "
#"
– "
E3G-L3j (Up and Down)
E3G-L3j (Left and Right)
Inclination
angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com