Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32L152C6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32L152C6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L152C6 Datasheet HTML 96Page - STMicroelectronics STM32L152C6 Datasheet HTML 97Page - STMicroelectronics STM32L152C6 Datasheet HTML 98Page - STMicroelectronics STM32L152C6 Datasheet HTML 99Page - STMicroelectronics STM32L152C6 Datasheet HTML 100Page - STMicroelectronics STM32L152C6 Datasheet HTML 101Page - STMicroelectronics STM32L152C6 Datasheet HTML 102Page - STMicroelectronics STM32L152C6 Datasheet HTML 103Page - STMicroelectronics STM32L152C6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
100/121
Doc ID 17659 Rev 8
Table 60.
Comparator 2 characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
1.
Based on characterization, not tested in production.
Unit
VDDA
Analog supply voltage
1.65
3.6
V
VIN
Comparator 2 input voltage range
0
VDDA
V
tSTART
Comparator startup time
Fast mode
15
20
µs
Slow mode
20
25
td slow
Propagation delay(2) in slow mode
2.
The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
1.65 V
≤ VDDA
2.7 V
1.8
3.5
2.7 V
≤ VDDA ≤ 3.6 V
2.5
6
td fast
Propagation delay(2) in fast mode
1.65 V
≤ VDDA
2.7 V
0.8
2
2.7 V
≤ VDDA ≤ 3.6 V
1.2
4
Voffset
Comparator offset error
±4
±20
mV
dThreshold/
dt
Threshold voltage temperature
coefficient
VDDA = 3.3V
TA = 0 to 50 °C
V- = VREF+, 3/4
VREF+,
1/2 VREF+, 1/4 VREF+.
15
30
ppm
/°C
ICOMP2
Current consumption(3)
3.
Comparator consumption only. Internal reference voltage (necessary for comparator operation) is not
included.
Fast mode
3.5
5
µA
Slow mode
0.5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com