Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD01-T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # HD01-T
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HD01-T Datasheet(HTML) 2 Page - Diodes Incorporated

  HD01-T Datasheet HTML 1Page - Diodes Incorporated HD01-T Datasheet HTML 2Page - Diodes Incorporated HD01-T Datasheet HTML 3Page - Diodes Incorporated HD01-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HD01 – HD06
Document number: DS17003 Rev. 13 - 2
2 of 4
www.diodes.com
December 2010
© Diodes Incorporated
HD01 – HD06
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HD01
HD02
HD04
HD06
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRMM
VRWM
VDC
100
200
400
600
V
RMS Reverse Voltage
VRMS
70
140
280
420
V
Average Forward Rectified Current (Note 3) @TA = 40°C
IO
0.8
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient (Note 3)
RθJA
75
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Instantaneous Voltage Drop @ 0.4A (per element)
VF
1.0
V
Peak Reverse Current at Rated @TA = 25°C
DC Blocking Voltage (per element) @TA = 125°C
IR
5.0
500
μA
Typical Total Capacitance (per element) (Note 4)
CT
10
pF
Notes:
3. Mounted on PC Board.
4. Measured at 1.0 MHz and applied reverse voltage of 4.0V.
0
0.2
0.4
0.6
0.8
040
80
120
160
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Output Current Derating Curve
A
°
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per element)
F
0.4
0.8
1.2
1.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com