Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

175D Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 175D
Description  Auto Line Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

175D Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  175D Datasheet HTML 1Page - Hammond Manufacturing Ltd. 175D Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hammond Manufacturing Co. Inc.
256 Sonwil Dr.
Cheektowaga, NY 14225
USA
Phone: 716-651-0086 Fax: 716-651-0726
Hammond Manufacturing Co. Ltd.
394 Edinburgh Rd. North
Guelph, Ontario N1H 1E5
CANADA
Phone: 519-822-2960 Fax: 519-822-0715
www
www
www
www
www
.hammondmfg.com
.hammondmfg.com
.hammondmfg.com
.hammondmfg.com
.hammondmfg.com
28
28
28
28
28
©
~ Single winding for use where equipment is already isolated
and only voltage change is required
~ Does not provide isolation
Does not provide isolation
Does not provide isolation
Does not provide isolation
Does not provide isolation
~ Input is circuit breaker protected
~ Hi-pot tested to 2 KV RMS
~ Standard 3-wire, grounded plug (can also be used with
adaptors for proper grounding)
~ Input connected to a 5 foot cord & grounded North American
230V plug
~ Output connected to a standard N. American 115V - 3 wire
grounded receptacle (NEMA 5-15R)
~
~
~
~
~ North American Mark of Safety: cUL & UL listed
230V
230V
230V
230V
230VA
A
A
A
AC to 115V
C to 115V
C to 115V
C to 115V
C to 115VA
A
A
A
AC
C
C
C
C
Step Do
Step Do
Step Do
Step Do
Step Down (Nor
wn (Nor
wn (Nor
wn (Nor
wn (North Amer
th Amer
th Amer
th Amer
th American 230V Plug & 115V Receptacle)
ican 230V Plug & 115V Receptacle)
ican 230V Plug & 115V Receptacle)
ican 230V Plug & 115V Receptacle)
ican 230V Plug & 115V Receptacle)
230V
230V
230V
230V
230VA
A
A
A
AC to 115V
C to 115V
C to 115V
C to 115V
C to 115VA
A
A
A
AC
C
C
C
C
Step Do
Step Do
Step Do
Step Do
Step Down (European Plug & Nor
wn (European Plug & Nor
wn (European Plug & Nor
wn (European Plug & Nor
wn (European Plug & North Amer
th Amer
th Amer
th Amer
th American Receptacle)
ican Receptacle)
ican Receptacle)
ican Receptacle)
ican Receptacle)
~ Single winding for use where equipment is already isolated
and only voltage change is required
~ Does not provide isolation
Does not provide isolation
Does not provide isolation
Does not provide isolation
Does not provide isolation
~ Input is circuit breaker protected
~ Hi-pot tested to 2 KV RMS
~ Standard 3-wire, grounded plug (can also be used with
adaptors for proper grounding)
~ Input connected to a 5 foot cord & standard grounded
European (Schuko) plug
~ Output connected to a standard N. American 115V - 3 wire
grounded receptacle (NEMA 5-15R)
~
~
~
~
~ North American Mark of Safety: cUL & UL listed
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
P
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
y
t
i
c
a
p
a
C
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
A
VA
VA
VA
VA
V
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
e
l
o
H
g
n
i
t
n
u
o
Me
l
o
H
g
n
i
t
n
u
o
M
e
l
o
H
g
n
i
t
n
u
o
M
e
l
o
H
g
n
i
t
n
u
o
Me
l
o
H
g
n
i
t
n
u
o
M
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
g
n
i
p
p
i
h
Sg
n
i
p
p
i
h
S
g
n
i
p
p
i
h
S
g
n
i
p
p
i
h
Sg
n
i
p
p
i
h
S
t
h
g
i
e
Wt
h
g
i
e
W
t
h
g
i
e
W
t
h
g
i
e
Wt
h
g
i
e
W
W
W
W
W
W
D
D
D
D
D
H
H
H
H
H
W
W
W
W
W
D
D
D
D
D
A
N
-
A
5
7
1A
N
-
A
5
7
1
A
N
-
A
5
7
1
A
N
-
A
5
7
1A
N
-
A
5
7
1
0
0
16
1
.
35
2
.
41
8
.
30
5
.
24
9
.
25
.
3
A
N
-
B
5
7
1A
N
-
B
5
7
1
A
N
-
B
5
7
1
A
N
-
B
5
7
1A
N
-
B
5
7
1
0
0
26
1
.
30
5
.
41
8
.
30
5
.
29
1
.
35
.
4
A
N
-
C
5
7
1A
N
-
C
5
7
1
A
N
-
C
5
7
1
A
N
-
C
5
7
1A
N
-
C
5
7
1
0
0
36
1
.
30
0
.
51
8
.
30
5
.
29
6
.
30
.
6
A
N
-
D
5
7
1A
N
-
D
5
7
1
A
N
-
D
5
7
1
A
N
-
D
5
7
1A
N
-
D
5
7
1
0
0
50
8
.
30
0
.
68
6
.
40
0
.
38
3
.
40
.
0
1
A
N
-
E
5
7
1A
N
-
E
5
7
1
A
N
-
E
5
7
1
A
N
-
E
5
7
1A
N
-
E
5
7
1
0
5
70
8
.
36
0
.
78
6
.
40
0
.
38
3
.
50
.
4
1
A
N
-
F
5
7
1A
N
-
F
5
7
1
A
N
-
F
5
7
1
A
N
-
F
5
7
1A
N
-
F
5
7
1
0
0
0
10
8
.
36
0
.
78
6
.
40
0
.
38
3
55
.
4
1
A
N
-
G
5
7
1A
N
-
G
5
7
1
A
N
-
G
5
7
1
A
N
-
G
5
7
1A
N
-
G
5
7
1
0
0
5
10
4
.
43
6
.
69
3
.
50
5
.
39
0
.
60
.
2
2
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
P
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
y
t
i
c
a
p
a
C
y
t
i
c
a
p
a
Cy
t
i
c
a
p
a
C
A
VA
VA
VA
VA
V
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D)
s
e
h
c
n
I
(
s
n
o
i
s
n
e
m
i
D
e
l
o
H
g
n
i
t
n
u
o
Me
l
o
H
g
n
i
t
n
u
o
M
e
l
o
H
g
n
i
t
n
u
o
M
e
l
o
H
g
n
i
t
n
u
o
Me
l
o
H
g
n
i
t
n
u
o
M
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
)
s
e
h
c
n
I
(
s
r
e
t
n
e
C)
s
e
h
c
n
I
(
s
r
e
t
n
e
C
g
n
i
p
p
i
h
Sg
n
i
p
p
i
h
S
g
n
i
p
p
i
h
S
g
n
i
p
p
i
h
Sg
n
i
p
p
i
h
S
t
h
g
i
e
Wt
h
g
i
e
W
t
h
g
i
e
W
t
h
g
i
e
Wt
h
g
i
e
W
W
W
W
W
W
D
D
D
D
D
H
H
H
H
H
W
W
W
W
W
D
D
D
D
D
U
E
-
A
5
7
1U
E
-
A
5
7
1
U
E
-
A
5
7
1
U
E
-
A
5
7
1U
E
-
A
5
7
1
0
0
16
1
.
35
2
.
41
8
.
30
5
.
24
9
.
25
.
3
U
E
-
B
5
7
1U
E
-
B
5
7
1
U
E
-
B
5
7
1
U
E
-
B
5
7
1U
E
-
B
5
7
1
0
0
26
1
.
30
5
.
41
8
.
30
5
.
29
1
.
35
.
4
U
E
-
C
5
7
1U
E
-
C
5
7
1
U
E
-
C
5
7
1
U
E
-
C
5
7
1U
E
-
C
5
7
1
0
0
36
1
.
30
0
.
51
8
.
30
5
.
29
6
.
30
.
6
U
E
-
D
5
7
1U
E
-
D
5
7
1
U
E
-
D
5
7
1
U
E
-
D
5
7
1U
E
-
D
5
7
1
0
0
50
8
.
30
0
.
68
6
.
40
0
.
38
3
.
40
.
0
1
U
E
-
E
5
7
1U
E
-
E
5
7
1
U
E
-
E
5
7
1
U
E
-
E
5
7
1U
E
-
E
5
7
1
0
5
70
8
.
36
0
.
78
6
.
40
0
.
38
3
.
50
.
4
1
U
E
-
F
5
7
1U
E
-
F
5
7
1
U
E
-
F
5
7
1
U
E
-
F
5
7
1U
E
-
F
5
7
1
0
0
0
10
8
.
36
0
.
78
6
.
40
0
.
38
3
55
.
4
1
U
E
-
G
5
7
1U
E
-
G
5
7
1
U
E
-
G
5
7
1
U
E
-
G
5
7
1U
E
-
G
5
7
1
0
0
5
10
4
.
43
6
.
69
3
.
50
5
.
39
0
.
60
.
2
2


Similar Part No. - 175D

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
175D-NA HAMMOND-175D-NA Datasheet
127Kb / 2P
Step-Down (230VAC to 115VAC) Plug-In
More results

Similar Description - 175D

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1284G RHOMBUS-IND-T-1284G Datasheet
19Kb / 1P
Line Transformer
10/27/99
T-1381 RHOMBUS-IND-T-1381 Datasheet
23Kb / 1P
AUDIO Auto Transformer
2/13/01
T-1416 RHOMBUS-IND-T-1416 Datasheet
20Kb / 1P
Line Transformer
10/27/99
logo
M/A-COM Technology Solu...
MABACT0063_V2 MA-COM-MABACT0063_V2 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
MABA-010386-CA3A40 MA-COM-MABA-010386-CA3A40 Datasheet
195Kb / 4P
Auto-Transformer 1:3
MABACT0063 MA-COM-MABACT0063 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
logo
XFMRS Inc.
XFADSL54S XFMRS-XFADSL54S Datasheet
74Kb / 1P
LINE TRANSFORMER
logo
M/A-COM Technology Solu...
MABA-010386-CA3A40 MA-COM-MABA-010386-CA3A40_15 Datasheet
195Kb / 4P
Auto-Transformer
MABACT0063 MA-COM-MABACT0063_15 Datasheet
80Kb / 4P
1.5:1 Auto Transformer
logo
XFMRS Inc.
XFAUTO1-32S XFMRS-XFAUTO1-32S Datasheet
73Kb / 1P
AUTO TRANSFORMER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com