Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD6620AS Datasheet(PDF) 43 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 43 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 36Page - Analog Devices AD6620AS Datasheet HTML 37Page - Analog Devices AD6620AS Datasheet HTML 38Page - Analog Devices AD6620AS Datasheet HTML 39Page - Analog Devices AD6620AS Datasheet HTML 40Page - Analog Devices AD6620AS Datasheet HTML 41Page - Analog Devices AD6620AS Datasheet HTML 42Page - Analog Devices AD6620AS Datasheet HTML 43Page - Analog Devices AD6620AS Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
AD6620
–43–
REV. A
CLOCK
DVOUT1
DVOUT2
DVOUT3
DVOUT4
AD6620–1
AD6620–2
AD6620–3
AD6620–4
SELECTOR
OUTPUT
Q
I
Q
IQ
I
Q
I
Q
I
Q
I
Q
I
Q
I
Figure 59. Timing for Parallel Processing
OE
INPUT LATCHING
DOUT1
CLOCK
DVOUT1
DOUT2
CLOCK
DVOUT2
DOUT3
CLOCK
DVOUT3
DOUT4
CLOCK
DVOUT4
OE
INPUT LATCHING
OE
INPUT LATCHING
OE
INPUT LATCHING
OUTPUT
LATCHING
Figure 58. Parallel Processing Output Selector
In the Output Selector above each of the DVOUT lines is ANDed
with main clock. This allows the data out of each of the AD6620s
to be properly latched into the input latches. The DVOUT line is
also responsible for placing the latched outputs on the internal
bus at the proper time. This data is then latched in the output
latch using the internal ORed clocking signals.
The timing for these events is shown in Figure 59. As shown,
the system clock is run at the specified rate. Then the RCF
timing control state machine is responsible for generating the
appropriate sync pulses. When each AD6620 completes its SOP
computation, it generates the DVOUT pulses shown below. Concur-
rently, each chip places its IQ data on the output pins of that
device. With this data, the output selector state machine com-
bines all of the data and places the data on the output bus.
Using the AD6620 in a Narrow Band System
A typical interconnection between the AD6600, AD6620 and a
General Purpose DSP is shown in Figure 65. This is an example
of an IF sampling narrow-band system and offers many techni-
cal and cost advantages over traditional solutions. In this example,
the AD6620 is in Diversity Channel Real Mode, with the AD6600
sampling a diversity antenna on its B channel. The AD6620
performs floating-point to fixed-point conversion, digital tuning,
digital filtering and decimation of the A/D output data.
MAIN
INPUT
DIVERSITY
INPUT
2 CLK
A/B OUT
3 RSSI BITS
11 DATA BITS
ENCODE
SCLK
SDI
SDO
SDFS
CLK
A/B
E[2...0]
IN[15...5]
AD6620
AD6600
SCLK
SDO
SDI
SDFS
DSP
Figure 60. Implementation of a Narrow Band Receiver
The 2
× CLK on the AD6600 is used as the processing CLK of
the AD6620. The use of this faster clock allows the RCF filter
to process up to twice as many taps per sample. The increased
number of taps available helps to improve the filter characteris-
tics. In some applications an even faster processing clock may be
necessary to allow for improved digital filter performance. In
this case the A/B pin of the AD6620 must be toggled when each
channel input is to be sampled.
For most narrow-band uses of the AD6600/AD6620 combina-
tion, a high oversampling ratio is desired. This spreads the
quantization noise of the A/D over a wider spectrum and allows
the digital filtering of the AD6620 to remove much of this noise.
This effectively increases the SNR of the AD6600. This process
of oversampling and digital filtering is called “process gain”
and its contribution to SNR can be calculated from the equa-
tion below.
PG
Sample Rate of Channel
Signal Bandwidth
=


10 log
__
_
_
The process of oversampling can also provide the benefit of
lowering the noise floor of the A/D. This can increase the effec-
tive dynamic range of a receiver if the sampling rate is chosen
such that the signal harmonics and/or intermodular distortion
(IMD) products fall out of the band of interest. In this case
these spurs could be filtered by the AD6620 and the quantiza-
tion noise would be the dominant dynamic range limitation of
the AD6600/AD6620 receiver solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com