Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1293BCSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1293BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293BCSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1293BCSW Datasheet HTML 1Page - Linear Technology LTC1293BCSW Datasheet HTML 2Page - Linear Technology LTC1293BCSW Datasheet HTML 3Page - Linear Technology LTC1293BCSW Datasheet HTML 4Page - Linear Technology LTC1293BCSW Datasheet HTML 5Page - Linear Technology LTC1293BCSW Datasheet HTML 6Page - Linear Technology LTC1293BCSW Datasheet HTML 7Page - Linear Technology LTC1293BCSW Datasheet HTML 8Page - Linear Technology LTC1293BCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1293/LTC1294/LTC1296
129346fs
Supply Current vs Temperature
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
4
4
6
6
LTC1293 G01
2
0
5
10
8
CLK = 1MHz
TA = 25°C
AMBIENT TEMPERATURE (°C)
–50
7
8
9
30
70
LTC1293 G02
6
5
–30 –10
50
90 110
4
3
10
10
130
CLK = 1MHz
VCC = 5V
REFERENCE VOLTAGE (V)
1
0.5
0.6
5
LTC1293 G03
0.4
0.3
0.1
2
3
4
0.2
0.9
0.8
0.7
VOS = 0.125mV
VCC = 5V
VOS = 0.250mV
Unadjusted Offset Voltage vs
Reference Voltage
Change in Linearity vs Reference
Voltage
REFERENCE VOLTAGE (V)
0
0.75
1.00
1.25
4
LTC1293 G04
0.50
0.25
0
1
2
3
5
Change in Gain vs Reference
Voltage
REFERENCE VOLTAGE (V)
0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
12
3
4
LTC1293 G05
5
VCC = 5V
LTC1294/6
LTC1293
Change in Offset vs Temperature
AMBIENT TEMPERATURE (°C)
–50
0.3
0.4
0.5
50
LTC1293 G06
0.2
0.1
0
–25
0
25
75
125
100
VCC = 5V
VREF = 5V
CLK = 1MHz
Change in Linearity vs
Temperature
Change in Gain vs Temperature
Minimum Clock Rate for 0.1LSB
Error
* AS THE CLK FREQUENCY IS DECREASED FROM 1MHz, MINIMUM CLK FREQUENCY (
∆ERROR ≤ 0.1LSB) REPRESENTS
THE FREQUENCY AT WHICH A 0.1LSB SHIFT IN ANY CODE TRANSITION FROM ITS 1MHz VALUE IS FIRST DETECTED.
AMBIENT TEMPERATURE (°C)
–50
0.3
0.4
0.5
50
LTC1293 G07
0.2
0.1
0
–25
0
25
75
125
100
VCC = 5V
VREF = 5V
CLK = 1MHz
AMBIENT TEMPERATURE (°C)
–50
0.3
0.4
0.5
50
LTC1293 G08
0.2
0.1
0
–25
0
25
75
125
100
VCC = 5V
VREF = 5V
CLK = 1MHz
AMBIENT TEMPERATURE (°C)
–50
0.15
0.20
0.25
50
LTC1293 G09
0.10
0.05
–25
0
25
75
125
100
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com