Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD7828LN Datasheet(PDF) 5 Page - Analog Devices

Part # AD7828LN
Description  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7828LN Datasheet(HTML) 5 Page - Analog Devices

  AD7828LN Datasheet HTML 1Page - Analog Devices AD7828LN Datasheet HTML 2Page - Analog Devices AD7828LN Datasheet HTML 3Page - Analog Devices AD7828LN Datasheet HTML 4Page - Analog Devices AD7828LN Datasheet HTML 5Page - Analog Devices AD7828LN Datasheet HTML 6Page - Analog Devices AD7828LN Datasheet HTML 7Page - Analog Devices AD7828LN Datasheet HTML 8Page - Analog Devices AD7828LN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics–AD7824/AD7828
REV. F
–5–
TA – AMBIENT TEMPERATURE – C
3
2
1
–100
150
–50
050
100
VDD = 5V
TPC 1. Conversion Time vs. Temperature
VREF – V
2.0
1.0
0
05
1
234
1.5
0.5
VDD = 5V
TA = 25 C
*1LSB =
VREF
256
TPC 2. Accuracy vs. VREF [VREF = VREF (+) – VREF (–)]
INPUT FREQUENCY – kHz
–36
–44
–52
5
1
23
4
–40
–48
–38
–46
–42
–50
20
30 40 50 70
100
710
ENCODE RATE = 400kHz
INPUT SIGNAL = 5V p-p
MEASUREMENT BANDWIDTH = 80kHz
TPC 3. Signal Noise Ratio vs. Input Frequency
TA – AMBIENT TEMPERATURE – C
14
12
10
–100
150
–50
050
100
13
11
9
8
VDD = 5.25V
VDD = 4.75V
VDD = 5V
TPC 4. Power Supply Current vs. Temperature
(Not Including Reference Ladder)
tP – ns
2.0
1.0
0
300
1.5
0.5
VDD = 5V
VREF = 5V
TA = 25 C
400
500
600
700
800
900
TPC 5. Accuracy vs. tP
TA – AMBIENT TEMPERATURE – C
8
4
–100
150
–50
050
100
10
6
2
0
ISOURCE, V OUT = 2.4V
VDD = 5V
ISINK, VOUT = 0.4V
TPC 6. Output Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com