Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC2802IDE Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2802IDE
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802IDE Datasheet(HTML) 5 Page - Linear Technology

  LTC2802IDE Datasheet HTML 1Page - Linear Technology LTC2802IDE Datasheet HTML 2Page - Linear Technology LTC2802IDE Datasheet HTML 3Page - Linear Technology LTC2802IDE Datasheet HTML 4Page - Linear Technology LTC2802IDE Datasheet HTML 5Page - Linear Technology LTC2802IDE Datasheet HTML 6Page - Linear Technology LTC2802IDE Datasheet HTML 7Page - Linear Technology LTC2802IDE Datasheet HTML 8Page - Linear Technology LTC2802IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image

2801234fe
LTC2801/LTC2802/
LTC2803/LTC2804
tPZLD
0V
0V
VOLD
VOHD
TOUT
MODE
TOUT
tPZHD
1/2 VL
tPLZD
VOLD + 0.5V
–5V
VOHD – 0.5V
5V
2801 F04
VL
MODE
RL
CL
TOUT
0 OR VL
0V
tPHZD
1/2 VL
MODE tr, tf ≤ 40ns
tTHL
VOHD
VOLD
TOUT
TIN
tTLH
–3V
3V
–3V
3V
2801 F01
VL
TIN
TIN tr, tf ≤ 40ns
RL
CL
TOUT
0V
SR(D) =
6V
tTHL or tTLH
Figure 1. Driver Slew Rate Measurement
tPHLR
VOHR
VOLR
ROUT
tSKEWR = |tPHLR – tPLHR|
RIN
1.5V
1/2 VL
tPLHR
1/2 VL
2801 F03
3V
RIN
CL
ROUT
–3V
1.5V
RIN tr, tf ≤ 40ns
Figure 3. Receiver Timing Measurement
tPHLD
VOHD
VOLD
TOUT
tSKEWD = |tPHLD – tPLHD|
TIN
1/2 VL
0V
tPLHD
0V
2801 F02
VL
TIN
RL
CL
TOUT
0V
1/2 VL
TIN tr, tf ≤ 40ns
Figure 2. Driver Timing Measurement
Figure 4. Driver Enable/Disable Times
teSt circuitS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com