Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADMC331BST Datasheet(PDF) 11 Page - Analog Devices

Part # ADMC331BST
Description  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331BST Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMC331BST Datasheet HTML 7Page - Analog Devices ADMC331BST Datasheet HTML 8Page - Analog Devices ADMC331BST Datasheet HTML 9Page - Analog Devices ADMC331BST Datasheet HTML 10Page - Analog Devices ADMC331BST Datasheet HTML 11Page - Analog Devices ADMC331BST Datasheet HTML 12Page - Analog Devices ADMC331BST Datasheet HTML 13Page - Analog Devices ADMC331BST Datasheet HTML 14Page - Analog Devices ADMC331BST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADMC331
–11–
REV. B
Table IV. ROM Utilities
Utility
Address
Function
PER_RST
0x07F1
Reset Peripherals.
UMASK
0x0DED
Limits Unsigned Value to
Given Range.
PUT_VECTOR
0x0DF4
Facilitates User Setup of
Vector Table.
SMASK
0x0E06
Limits Signed Value to Given
Range.
ADMC_COS
0x0E26
Cosine Function.
ADMC_SIN
0x0E2D
Sine Function.
ARCTAN
0x0E43
Arctangent Function.
RECIPROCAL
0x0E65
Reciprocal (1/
×) Function.
SQRT
0x0E7B
Square Root Function.
LN
0x0EB5
Natural Logarithm Function.
LOG
0x0EB8
Logarithm (Base 10) Function.
FLTONE
0x0ED4
Fixed Pt. to Float Conversion.
FIXONE
0x0ED9
Float to Fixed Pt. Conversion.
FPA
0x0EDD
Floating Pt. Addition.
FPS
0x0EEC
Floating Pt. Subtraction.
FPM
0x0EFC
Floating Pt. Multiplication.
FPD
0x0F05
Floating Pt. Division.
FPMACC
0x0F26
Floating Pt. Multiply/Accumulate.
PARK
0x0F48
Forward/Reverse Park
Transformation.
REV_CLARK
0x0F5C
Reverse Clark Transformation.
FOR_CLARK
0x0F72
Forward Clark Transformation.
COS64
0x0F80
64 Pt. COS Table.
ONE_BY_X
0x0FCO
16 Pt. 1/
× Table.
SDIVQINT
0x0FD0
Unsigned Single Precision
Division (Integer).
SDIVQ
0x0FD9
Unsigned Single Precision
Division (Fractional).
SYSTEM INTERFACE
Figure 4 shows a basic system configuration for the ADMC331,
with an external crystal and serial E
2PROM for boot loading of
program and data memory RAM.
ADMC331
XTAL
CLKIN
DR1A
SCLK1
RFS1/
SROM
DATA
CLK
RESET
13 MHz
CLKOUT
RESET
SERIAL
E2PROM
Figure 4. Basic System Configuration
Clock Signals
The ADMC331 can be clocked by either a crystal or a TTL-
compatible clock signal. The CLKIN input cannot be halted,
changed during operation nor operated below the specified
minimum frequency during normal operation. If an external
clock is used, it should be a TTL-compatible signal running at
half the instruction rate. The signal is connected to the CLKIN
pin of the ADMC331. In this mode, with an external clock
signal, the XTAL pin must be left unconnected. The ADMC331
uses an input clock with a frequency equal to half the instruc-
tion rate; a 13 MHz input clock yields a 38.5 ns processor cycle
(which is equivalent to 26 MHz). Normally, instructions are
executed in a single processor cycle. All device timing is
relative to the internal instruction rate, which is indicated by
the CLKOUT signal.
Because the ADMC331 includes an on-chip oscillator feedback
circuit, an external crystal may be used instead of a clock
source, as shown in Figure 4. The crystal should be connected
across the CLKIN and XTAL pins, with two capacitors as
shown in Figure 4. A parallel-resonant, fundamental frequency,
microprocessor-grade crystal should be used. A clock output
signal (CLKOUT) is generated by the processor at the processor’s
cycle rate of twice the input frequency. This output can be
enabled and disabled by the CLKODIS bit of the SPORT0
Autobuffer Control Register, DM[0x3FF3]. However, extreme
care must be exercised when using this bit since disabling
CLKOUT effectively disables all motor control peripherals,
except the watchdog timer.
Reset
The
RESET signal initiates a master reset of the ADMC331.
The
RESET signal must be asserted during the power-up se-
quence to assure proper initialization.
RESET during initial
power-up must be held long enough to allow the internal clock
to stabilize. If
RESET is activated any time after power-up, the
clock continues to run and does not require stabilization time.
The power-up sequence is defined as the total time required for
the crystal oscillator circuit to stabilize after a valid VDD is ap-
plied to the processor, and for the internal phase-locked loop
(PLL) to lock onto the specific crystal frequency. A minimum
of 2000 CLKIN cycles ensures that the PLL has locked, but
does not include the crystal oscillator start-up time. During this
power-up sequence, the
RESET signal should be held low. On
any subsequent resets, the
RESET signal must meet the mini-
mum pulsewidth specification, tRSP.
If an RC circuit is used to generate the
RESET signal, the use of
an external Schmitt trigger is recommended.
The master reset sets all internal stack pointers to the empty
stack condition, masks all interrupts, initializes DSP core regis-
ters and performs a full reset of all of the motor control periph-
erals. When the
RESET line is released, the first instruction is
fetched from internal program memory ROM at location 0x0800.
The internal monitor code at this location then commences the
boot-loading sequence over the serial port, SPORT1. A soft-
ware controlled full peripheral reset is achieved by toggling the
DSP FL2 flag from 1 to 0 to 1 again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com