Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320VC33 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320VC33 Datasheet HTML 1Page - Texas Instruments TMS320VC33 Datasheet HTML 2Page - Texas Instruments TMS320VC33 Datasheet HTML 3Page - Texas Instruments TMS320VC33 Datasheet HTML 4Page - Texas Instruments TMS320VC33 Datasheet HTML 5Page - Texas Instruments TMS320VC33 Datasheet HTML 6Page - Texas Instruments TMS320VC33 Datasheet HTML 7Page - Texas Instruments TMS320VC33 Datasheet HTML 8Page - Texas Instruments TMS320VC33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
D
High-Performance Floating-Point Digital
Signal Processor (DSP):
-- TMS320VC33-150
-- 13-ns Instruction Cycle Time
-- 150 Million Floating-Point Operations
Per Second (MFLOPS)
-- 75 Million Instructions Per Second
(MIPS)
-- TMS320VC33-120
-- 17-ns Instruction Cycle Time
-- 120 MFLOPS
-- 60 MIPS
D
34K × 32-Bit (1.1-Mbit) On-Chip Words of
Dual-Access Static Random-Access
Memory (SRAM) Configured in 2 × 16K Plus
2 × 1K Blocks to Improve Internal
Performance
D
x5 Phase-Locked Loop (PLL) Clock
Generator
D
Very Low Power: < 200 mW @ 150 MFLOPS
D
32-Bit High-Performance CPU
D
16-/32-Bit Integer and 32-/40-Bit
Floating-Point Operations
D
Four Internally Decoded Page Strobes to
Simplify Interface to I/O and Memory
Devices
D
Boot-Program Loader
D
EDGEMODE Selectable External Interrupts
D
32-Bit Instruction Word, 24-Bit Addresses
D
Eight Extended-Precision Registers
D
On-Chip Memory-Mapped Peripherals:
-- One Serial Port
-- Two 32-Bit Timers
-- Direct Memory Access (DMA)
Coprocessor for Concurrent I/O and CPU
Operation
D
Fabricated Using the 0.18-μm(leff-Effective
Gate Length) TImeline™ Process
Technology by Texas Instruments (TI)
D
144-Pin Low-Profile Quad Flatpack (LQFP)
(PGE Suffix)
D
Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D
Two Low-Power Modes
D
Two- and Three-Operand Instructions
D
Parallel Arithmetic/Logic Unit (ALU) and
Multiplier Execution in a Single Cycle
D
Block-Repeat Capability
D
Zero-Overhead Loops With Single-Cycle
Branches
D
Conditional Calls and Returns
D
Interlocked Instructions for
Multiprocessing Support
D
Bus-Control Registers Configure
Strobe-Control Wait-State Generation
D
1.8-V (Core) and 3.3-V (I/O) Supply Voltages
D
On-Chip Scan-Based Emulation Logic,
IEEE Std 1149.1(JTAG)
description
The TMS320VC33 DSP is a 32-bit, floating-point processor manufactured in 0.18-μm four-level-metal CMOS
(TImeline) technology. The TMS320VC33 is part of the TMS320C3x generation of DSPs from Texas
Instruments.
The TMS320C3x’s internal busing and special digital-signal-processing instruction set have the speed and
flexibility to execute up to 150 million floating-point operations per second (MFLOPS). The TMS320VC33
optimizes speed by implementing functions in hardware that other processors implement through software or
microcode. This hardware-intensive approach provides performance previously unavailable on a single chip.
The TMS320VC33 can perform parallel multiply and ALU operations on integer or floating-point data in a single
cycle. Each processor also possesses a general-purpose register file, a program cache, dedicated ARAUs,
internal dual-access memories, one DMA channel supporting concurrent I/O, and a short machine-cycle time.
High performance and ease of use are the results of these features.
Copyright © 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IEEE Standard 1149.1-1990 Standard-Test-Access Port
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
TImeline is a trademark of Texas Instruments.
Other trademarks are the property of their respective owners.


Similar Part No. - TMS320VC33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
816Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI2-TMS320VC33 Datasheet
795Kb / 53P
SMx320VC33 Digital Signal Processor
REVISED JUNE 2015
TMS320VC33 TI2-TMS320VC33 Datasheet
917Kb / 59P
DIGITAL SIGNAL PROCESSOR
REVISED JANUARY 2004
TMS320VC33 TI2-TMS320VC33 Datasheet
923Kb / 59P
DIGITAL SIGNAL PROCESSOR
REVISED JANUARY 2004
More results

Similar Description - TMS320VC33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com