Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPR4012 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPR4012
Description  For Step-Up, Resonant & Flyback Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPR4012 Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPR4012_13 Datasheet HTML 1Page - Coilcraft lnc. LPR4012_13 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coupled Inductors–LPR4012 Series
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 713-2
0.060
1,52
0.0433 ±0.004
1,10 ±0,10
Dash
number
Dot indicates pin 1
0.155 ±0.003
3,94 ±0,076
0.155 ±0.003
3,94 ±0,076
XXXX
14
23
Recommended
Land Pattern
0.174
4,40
0.103
2,606
0.103
2,606
0.049
1,24
0.049
1,24
0.174
4,40
0.031
0,78
45°
typ
1
4
2
3
2
1
4
3
L1
L2
Core material Ferrite
Weight 54 – 64 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 100 V
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) 26,315,789 hours
Failures in Time (FIT) 38 per one billion hours
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.25 mm thick, 8 mm pocket spacing, 1.32 mm pocket depth
Recommended pick and place nozzle OD: 4 mm; ID:
≤ 2 mm
PCB washing Only pure water or alcohol recommended
Dimensions are in
inches
mm
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
L1
L1
L2
L2
+
+
+
+
+
D
D
D
C
C
PWM
C
C
SW
Typical Flyback Converter
Typical Buck Converter with auxiliary output
VOUT
VOUT
VOUT
AUX
VIN
VIN
Document 713-2 Revised 01/29/10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com