Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MTP23P06VG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTP23P06VG
Description  Power MOSFET 23 Amps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP23P06VG Datasheet(HTML) 2 Page - ON Semiconductor

  MTP23P06VG Datasheet HTML 1Page - ON Semiconductor MTP23P06VG Datasheet HTML 2Page - ON Semiconductor MTP23P06VG Datasheet HTML 3Page - ON Semiconductor MTP23P06VG Datasheet HTML 4Page - ON Semiconductor MTP23P06VG Datasheet HTML 5Page - ON Semiconductor MTP23P06VG Datasheet HTML 6Page - ON Semiconductor MTP23P06VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MTP23P06V
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
60.5
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
10
100
mAdc
Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.8
5.3
4.0
Vdc
mV/
°C
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 11.5 Adc)
RDS(on)
0.093
0.12
W
Drain−Source On−Voltage
(VGS = 10 Vdc, ID = 23 Adc)
(VGS = 10 Vdc, ID = 11.5 Adc, TJ = 150°C)
VDS(on)
3.3
3.2
Vdc
Forward Transconductance
(VDS = 10.9 Vdc, ID = 11.5 Adc)
gFS
5.0
11.5
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz)
Ciss
1160
1620
pF
Output Capacitance
Coss
380
530
Transfer Capacitance
Crss
105
210
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 23 Adc,
VGS = 10 Vdc, RG = 9.1 W)
td(on)
13.8
30
ns
Rise Time
tr
98.3
200
Turn−Off Delay Time
td(off)
41
80
Fall Time
tf
62
120
Gate Charge (See Figure 8)
(VDS = 48 Vdc, ID = 23 Adc, VGS = 10 Vdc)
QT
38
50
nC
Q1
7.0
Q2
18
Q3
14
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 23 Adc, VGS = 0 Vdc)
(IS = 23 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
2.2
1.8
3.5
Vdc
Reverse Recovery Time
(IS = 23 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
142.2
ns
ta
100.5
tb
41.7
Reverse Recovery Stored Charge
QRR
0.804
mC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com