Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN-1047 Datasheet(PDF) 1 Page - Cymbet Corporation

Part # AN-1047
Description  EnerChip CC Real-Time Clock Backup for K60 Microcontroller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

AN-1047 Datasheet(HTML) 1 Page - Cymbet Corporation

  AN-1047 Datasheet HTML 1Page - Cymbet Corporation AN-1047 Datasheet HTML 2Page - Cymbet Corporation AN-1047 Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AN-1047
Application Note
©2011 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1047 Rev A
Page 1 of 3
Preliminary
EnerChip™ CC Real-Time Clock Backup for K60 Microcontroller
Introduction
Cymbet EnerChips are solid state rechargeable batteries having distinguishing characteristics compared to
conventional rechargeable batteries. EnerChips have a high charge/discharge cycle life; low self-discharge;
simple voltage controlled charging; flat discharge voltage profile; have no flammable solvents to leak or catch
fire; are solder reflow tolerant; and are offered in low profile surface mount packages.
The EnerChip CC is a surface mount package containing a rechargeable solid state battery - the EnerChip -
with integrated battery management that includes charge control, discharge cutoff circuitry, and a battery
switchover (i.e., supply supervisory) function. EnerChip storage (discharge) capacity varies by product.
EnerChips are used in applications requiring backup, bridging, or transition power to maintain real-time clock
(RTC) operation or SRAM data retention in the event of main power interruption; wireless sensing as the main
power source when energy can be harvested from the ambient power and used to constantly trickle charge the
EnerChip; and as a power source to perform housekeeping for microcontrollers (MCUs) and peripherals when
main power is interrupted, to ensure an orderly shutdown or transition to low power modes.
Many applications demand ultra low power consumption from the various system components, particularly
when system power is derived from primary or rechargeable batteries. In systems utilizing stand-alone or
embedded RTCs, it is essential that the standby power of the RTC be very low in order to achieve maximum
run time from the backup power source when main power is interrupted. A low power MCU now available from
Freescale is the K60 family. The device has a VBAT auxiliary power pin to which a backup power source can be
connected. This Application Note describes use of the surface mount EnerChip CC as the backup power source
for the RTC embedded within the K60 MCU.
A typical application circuit is shown in Figure 1. Main power is fed to both the CBC31xx and K60 MCU. When
the supply voltage drops below a specific threshold as detected by the CBC31xx, the EnerChip solid state
battery embedded in the EnerChip CC delivers power to the MCU VBAT pin from the CBC31xx VOUT pin.
Figure 1. Application Circuit Using the EnerChip CC to Maintain the Real-Time Clock Within the K60 MCU.


Similar Part No. - AN-1047

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1040 CYMBET-AN-1040 Datasheet
229Kb / 3P
EVAL Kit GUI Software and TI Firmware Readme
logo
International Rectifier
AN-1040 IRF-AN-1040 Datasheet
208Kb / 13P
Application Note
logo
Cymbet Corporation
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
AN-1042 CYMBET-AN-1042 Datasheet
288Kb / 3P
EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
AN-1043 CYMBET-AN-1043 Datasheet
277Kb / 3P
EnerChip CC as Backup Power for a DS1390 Real-Time Clock
More results

Similar Description - AN-1047

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RX-4571LC EPSONTOYOCOM-RX-4571LC Datasheet
418Kb / 2P
LOW BACKUP VOLTAGE SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
Cymbet Corporation
CBC-EVAL-06 CYMBET-CBC-EVAL-06 Datasheet
1Mb / 11P
EnerChip??CC Real-Time Clock Evaluation Kit
AN-1042 CYMBET-AN-1042 Datasheet
288Kb / 3P
EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
AN-1043 CYMBET-AN-1043 Datasheet
277Kb / 3P
EnerChip CC as Backup Power for a DS1390 Real-Time Clock
AN-1045 CYMBET-AN-1045 Datasheet
214Kb / 3P
EnerChip CC Backup Power for Micro Crystal RV-2123 RTC
AN-1046 CYMBET-AN-1046 Datasheet
312Kb / 3P
EnerChip CC as Backup Power for a Microchip MCP79410 RTC
AN-1048 CYMBET-AN-1048 Datasheet
283Kb / 3P
EnerChip CC as Backup Power for a DS1340 Real-Time Clock
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
SPI Real-Time Clock/Calendar with Integrated Backup Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com