Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CBC34123 Datasheet(PDF) 2 Page - Cymbet Corporation

Part # CBC34123
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34123 Datasheet(HTML) 2 Page - Cymbet Corporation

  CBC34123 Datasheet HTML 1Page - Cymbet Corporation CBC34123 Datasheet HTML 2Page - Cymbet Corporation CBC34123 Datasheet HTML 3Page - Cymbet Corporation CBC34123 Datasheet HTML 4Page - Cymbet Corporation CBC34123 Datasheet HTML 5Page - Cymbet Corporation CBC34123 Datasheet HTML 6Page - Cymbet Corporation CBC34123 Datasheet HTML 7Page - Cymbet Corporation CBC34123 Datasheet HTML 8Page - Cymbet Corporation CBC34123 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CBC34123 EnerChip™ RTC
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-31 V.08
Page 2 of 9
Preliminary
Figure 3: Internal Schematic of CBC34123 EnerChip RTC
Figure 2: CBC34123 Block Diagram with Registers
TIMER FUNCTION
Timer_clkout
0Eh
OFFSET FUNCTION
Offset_register
0Dh
Countdown_timer
0Fh
CONTROL
Control_1
00h
Control_2
01h
TIME
Seconds
02h
Minutes
03h
Hours
04h
Days
05h
Weekdays
06h
Months
07h
Years
08h
ALARM FUNCTION
Minute_alarm
09h
Hour_alarm
0Ah
Day_alarm
0Bh
Weekday_alarm
0Ch
SPI
INTERFACE
WATCH
DOG
OSCILLATOR
32.768 kHz
MONITOR
DIVIDER
CLOCKOUT
INTERRUPT
CE
SCL
SDI
SDO
OSCI
OSCO
POWERON
RESET
INT
CLKOE
CLKOUT
VDD
VSS
TEST
ENERCHIP
AND
CHARGER
EN
RESET
VEC
VCHG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com