Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IX9908N Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX9908N
Description  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908N Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX9908N Datasheet HTML 2Page - IXYS Corporation IX9908N Datasheet HTML 3Page - IXYS Corporation IX9908N Datasheet HTML 4Page - IXYS Corporation IX9908N Datasheet HTML 5Page - IXYS Corporation IX9908N Datasheet HTML 6Page - IXYS Corporation IX9908N Datasheet HTML 7Page - IXYS Corporation IX9908N Datasheet HTML 8Page - IXYS Corporation IX9908N Datasheet HTML 9Page - IXYS Corporation IX9908N Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9908
8
www.ixysic.com
R01
The variation in AC line voltage is sensed by way of
the auxiliary winding and an internal clamp and
current sense circuit. When Q1 is on, a negative
voltage proportional to the line voltage is coupled to
the auxiliary winding; the IC will hold the ZCV pin very
close to ground during this time. The line voltage is
thus sensed indirectly through the current in RZCV1.
This current is given by:
The device uses IZCV to vary the VCS limit as shown in
Figure 4. The actual implementation is digital and is
shown below:
Figure 5. VCS vs. IZC
2.3.4 Protection Functions
The IX9908 provides comprehensive protection
features. They are summarized in the table below:
OUTPUT OVER-VOLTAGE
During the Q1 off-time the auxiliary winding voltage
(VAUX) will swing positive and in proportion to the
secondary voltage. VAUX is connected to ZCV through
a resistor divider. If the voltage at ZCV exceeds a
preset threshold (VZCVOVP) for longer than the blanking
time (tZCVOVP), then the IC is latched off.
SHORTED WINDING
If the voltage at CS exceeds a preset threshold
(VCSSW) during Q1 on time the device is latched off.
OVER-TEMPERATURE
If the die temperature exceeds 140°C, then the device
will enter the Auto-Restart Mode.
VCC OVER-VOLTAGE / UNDER-VOLTAGE
The IC continuously monitors the VCC voltage. In case
of an over-voltage, Q1 is turned off (GD=L) and VCC
will begin to fall. Once VCC goes below VVCC_off (10.5V
nominal), the startup circuit is activated, and begins to
charge CVCC. When VCC exceeds VVCC_on (18.0V
nominal), the device initiates a new soft-start. For an
under-voltage the operation is the same except that
the sequence begins with VCC < VVCC_off so GD=L and
the startup circuit is activated. This operation
describes the Auto-Restart Mode.
During Latch-Off Mode, VCC also cycles between
VVCC_off and VVCC_on, but GD remains low, and no
soft-start is initiated. The line voltage must be turned
off and on again to begin normal operation.
IZCV =
VIN • Na
RZCV1 • Np
I
ZC (µA)
200
600
1000
1400
1800
2200
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
V
CS vs. IZC
Fault Condition
Action Taken
Output Over-Voltage
GD Latched Off
Shorted Winding
GD Latched Off
Over-Temperature
Auto-Restart Mode
VCC Over-Voltage
Auto-Restart Mode
VCC Under-Voltage
Auto-Restart Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com