Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3982 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3982
Description  LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3982 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 5Page - Texas Instruments LP3982 Datasheet HTML 6Page - Texas Instruments LP3982 Datasheet HTML 7Page - Texas Instruments LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments LP3982 Datasheet HTML 10Page - Texas Instruments LP3982 Datasheet HTML 11Page - Texas Instruments LP3982 Datasheet HTML 12Page - Texas Instruments LP3982 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
0 dB
-180°
-360°
LOAD ZERO
1/(2S (ESR x CL)
LOAD POLE
1/(2S (ESR + RO // RL)CL)
ERROR AMP
POLE: ZPOLE
ωPOLE
ω
AO
LG
*
=
1 + j
(j )
ω
1 + j
(ESR x C
ω
L)
1 + j
((ESR + R
ω
O // RL) CL)
RO
VREF
CL
RL
LOOP
GAIN
+
-
LP3982
www.ti.com
SNVS185D – FEBRUARY 2002 – REVISED APRIL 2013
Figure 18. Simplified Model of Regulator Loop Gain Components
Figure 18 shows a basic model for the linear regulator that helps describe what happens to the output signal as it
is processed through its feedback loop; that is, describe its loop gain (LG). The LG includes two main transfer
functions: the error amplifier and the load. The error amplifier provides voltage gain and a dominant pole, while
the load provides a zero and a pole. The LG of the model in Figure 18 is described by the following equation:
(3)
The first term of the above equation expresses the voltage gain (numerator) and a single pole role-off
(denominator) of the error amplifier. The second term expresses the zero (numerator) and pole (denominator) of
the load in combination with the RO of the regulator.
Figure 19 shows a Bode plot that represents a case where the zero contributed by the load is too high to cancel
the effect of the pole contributed by the load and RO. The solid line illustrates the loop gain while the dashed line
illustrates the corresponding phase shift. Notice that the phase shift at unity gain is a total 360° -the criteria for
oscillation.
Figure 19. Loop Gain Bode Plot Illustrating Inadequately High Zero for Stability Compensation
The LP3982 generates an internal zero that makes up for the inadequately high zero of the low ESR ceramic
output capacitor. This internally generated zero is strategically placed to provide positive phase shift near unity
gain, thus providing a stable phase margin.
No-Load Stability
The LP3982 remains stable during no-load conditions, a necessary feature for CMOS RAM keep-alive
applications.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3982



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com